Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 86Page - STMicroelectronics L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics L9963E Datasheet HTML 90Page - STMicroelectronics L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 184 page
background image
Figure 25. Example of routine execution in normal mode
During a TCYCLE, the DUTY_ON flag is set when the routine is in the active phase (during TROUTINE), while it
is reset during the remaining idle time. It reflects the duty-cycle of the cyclic routine:
DUTY_ON flag duty-cycle during a cyclic execution
DUTY_ONℎigℎ%=TROUTINE
TCYCLE ×100
(15)
Programming a TROUTINE longer than TCYCLE is not recommended. Routine will behave like continuous mode,
even if not explicitly set.
In order to program a continuous execution the user must set CYCLIC_CONTINUOUS = 1 before enabling the
cyclic mode (CONF_CYCLIC_EN = 1).
Table 58. Focus on routine enable/disable and continuous mode activation/deactivation
CONF_CYCLIC_EN CYCLIC_CONTINUOUS
Effect on routine
1 → 0
0
Any ongoing routine is disabled once the active phase of the current cycle is
completed (DUTY_ON 1 → 0). Setting-Resetting CONF_CYCLIC_EN while
DUTY_ON = 1 is considered as a glitch and will be discarded. Refer to
Figure 25.
1 → 0
1
The routine is disabled after the last enabled step of the cycle has been
executed (upon TROUTINE completion).
0 → 1
0
Routine is started with TCYCLE periodicity.
0 → 1
1
Routine is started in continuous mode. NCYCLE started.
0
X
Changing CYCLIC_CONTINUOUS while the routine is disabled has no
effect.
While in continuous mode, TCYCLE is ignored and the periodicity will be given by TROUTINE. NCYCLE will be
incremented upon each routine completion (every TROUTINE).
The following table lists sampling intervals for the configuration parameters related to the cyclic functionality. It
is useful to understand when the new settings will be applied after they have been modified during an on-going
activity.
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 90/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com