Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics L9963E Datasheet HTML 62Page - STMicroelectronics L9963E Datasheet HTML 63Page - STMicroelectronics L9963E Datasheet HTML 64Page - STMicroelectronics L9963E Datasheet HTML 65Page - STMicroelectronics L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 184 page
background image
•
NVM Read: this operation downloads the NVM content into RAM. This function populates NVM_RD_x and
NVM_CNTR registers with the NVM content. Also trimming and calibration data will be re-downloaded.
•
NVM Write: this operation pushes the RAM content into NVM. This function writes the NVM internal
sub-sectors fetching the data from NVM_WR_x and NVM_CNTR registers. Such a procedure does not
involve trimming and calibration data sectors. Since write operation is only capable of writing ‘ones’ and
it cannot write ‘zeroes’, before executing a Write operation, the NVM must be erased first. A maximum of
NNVM_MAX_WRITE write cycles is allowed.
•
NVM Erase: this operation erases the NVM content, resetting all sub-sectors corresponding to NVM_RD_x
and NVM_CNTR registers to ‘0x0’. Such a procedure does not involve trimming and calibration data sectors.
After an Erase operation, only the Write operation is allowed.
The NVM must be operated in the following way: first Erase, then Write, then Read.
4.10.1
NVM read
To read the updated NVM content, simply re-trigger the NVM download performing the following procedure:
1.
Set trimming_retrigger = ‘1’
2.
Wait for TNVM_OP
3.
Set trimming_retrigger = ‘0’
NVM_RD_x and NVM_CNTR registers are now populated with the updated data downloaded from NVM. The
whole NVM content, including user data, is checked against CRC upon download. In case of errors in the user
sectors, the EEPROM_CRC_ERR_CAL_RAM flag will be set.
Note:
NVM_WR_BUSY flag is not set during read operation. Do not perform Read operation after Erase (refer to NVM
Erase).
4.10.2
NVM erase
To erase the NVM content corresponding to NVM_RD_x registers, follow this procedure:
1.
Program NVM_OPER = 10 and NVM_PROGRAM = 1 to set Erase mode
2.
Write first unlock key NVM_UNLOCK_START = 0x1572F
3.
Write second unlock key NVM_UNLOCK_START = 0x1602F
4.
Wait TNVM_OP (during wait time, the flag NVM_WR_BUSY = 1)
5.
Check NVM_WR_BUSY = 0, indicating the operation has been successfully accomplished
6.
Set NVM_PROGRAM = 0
After an erase, it is mandatory to perform NVM Write operation in order to bring the internal NVM registers to a
defined state.
Note:
Read operation after an Erase is strictly forbidden. It will result in populating the RAM with randomic values,
including the NVM_CNTR. In case NVM_CNTR results greater than NNVM_MAX_WRITE, the memory will be
locked and no further erase/write will be possible.
4.10.3
NVM write
To update the NVM content corresponding to NVM_RD_x registers with new data, follow this procedure:
1.
Write the desired data into NVM_WR_x registers (all registers have to be populated; it is not possible to
write just a selected bunch of registers). Make sure the NVM_WR_x registers are populated with the desired
data by reading back the answers incoming from L9963E
2.
Program NVM_OPER = 11 and NVM_PROGRAM = 1 to set Write mode
3.
Write first unlock key NVM_UNLOCK_START = 0x1572F
4.
Write second unlock key NVM_UNLOCK_START = 0x1602F
5.
Wait TNVM_OP (during wait time, the flag NVM_WR_BUSY = 1)
6.
Check NVM_WR_BUSY = 0, indicating the operation has been successfully accomplished
7.
Set NVM_PROGRAM = 0
Note:
Remember to perform NVM Erase before executing a Write operation. The Write operation actually writes only
‘ones’ and is not capable of writing ‘zeroes’. To see the effects of Write, the NVM_RD_x and NVM_CNTR
registers have to be refreshed by re-downloading the NVM content via NVM Read procedure.
L9963E
Internal Non Volatile Memory (NVM)
DS13636 - Rev 4
page 64/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com