Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 184 page
background image
4.1.2.1
Operations in Init state
Here below a list of operations the device can perform during Init State.
Table 8. Operations in Init state
Operation
Timing mode
Functions involved
Communication
Always ON
SPI/isolated SPI Logic and storage
Init Timeout
Always ON
t_SHUT timer
4.1.2.2
Addressing procedure
The following algorithm describes the correct daisy-chain addressing procedure for a stack of NDEVICES:
Figure 7. Daisy chain addressing algorithm
Set X = 1
Send
BROADCAST
command
with
out_res_tx_is
o = XX,
iso_freq_sel =
11
Send WRITE
command
with
chip_ID =
NDEVICES with
Farthest_Un
it = 1 (if not
in dual ring
system, set
also
isotx_en_h
= 0)
Send
BROADCAST
command
with
Lock_isoh_iso
freq = 1 to
lock the ISOH
port and ISO
frequency
configuration
s
Switching to high frequency (iso_freq_sel = 11) before initialization procedure has been completed is not
recommended, since it might prevent other units from being initialized.
Once initialization procedure is done, it is possible to lock ISOH port status and ISO frequency configuration by
setting Lock_isoh_isofreq = 1: the lock adds more safety against unwanted write access to iso_freq_sel and
isotx_en_h bit in DEV_GEN_CFG register.
4.1.3
Normal state
All references are powered, and the ADCs and interfaces are ready for measurement and data transmission
respectively. The commands sent by the micro-controller can be read from both ISO lines and SPI pins.
On receiving a valid command, the L9963 executes the corresponding operations, such as voltage, current and
over-temperature measurement.
Some core safety operations (e.g. OV, UV, OT, UV, and VBAT monitoring) are checked in the background
automatically.
In case the communication with MCU is missing for t > t_SLEEP (programmable via CommTimeout, maskable
via comm_timeout_dis) or a GO2SLP command is received, the device moves either to Sleep state or to Silent
Balancing state, depending on slp_bal_conf bit and balancing state.
L9963E
Device functional state
DS13636 - Rev 4
page 16/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com