Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 13Page - STMicroelectronics L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
A Soft RESET command received when in Normal state clears all registers except CommTimeout. The device is
kept in Normal and doesn’t move to Reset state.
4.1.4
Power up sequence
Final Normal state is reached through a power up sequence, which involves the turn ON of all regulators. The
following power up sequence is performed correctly if VBAT pin voltage lays in the operating range (refer to
Table 3):
•
VREG is the first regulator to turn ON
•
As soon as VREG reaches enough voltage dynamic (> 3V), also VANA regulator starts to turn ON
•
When VANA regulator voltage reaches VVANA_UV threshold and related digital filter time TPOR_FILT +
TVTREF_DELAY expires, VTREF regulator is turned ON
•
After TBOOT_DELAY in respect to VTREF enable, Bootstrap circuit is enabled in charge phase (CAP2
connected to VREG, CAP1 to GND)
•
After TVCOM_DELAY in respect to VTREF enable, VCOM regulator is turned ON
Normally, the power up sequence lasts TWAKEUP. In case it lasts longer than a specific timeout, the device moves
back to a low power state (Sleep or Silent Balancing, depending on the previous state). The following timeouts
are implemented:
•
timeout_VCOM_UP_first, valid only for the first power up
•
timeout_VCOM_UP, valid for each wake up
•
timeout_OSCI_MAIN, valid for each wake up
During power down:
•
VCOM, VTREF and Bootstrap are turned off at the same time
•
VREG is turned off after TVREG_OFF
•
When VREG falls below 4 V (typical value), VANA starts falling along with VREG.
Figure 8. Power up Sequence
L9963E
Device functional state
DS13636 - Rev 4
page 17/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com