Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 80Page - STMicroelectronics L9963E Datasheet HTML 81Page - STMicroelectronics L9963E Datasheet HTML 82Page - STMicroelectronics L9963E Datasheet HTML 83Page - STMicroelectronics L9963E Datasheet HTML 84Page - STMicroelectronics L9963E Datasheet HTML 85Page - STMicroelectronics L9963E Datasheet HTML 86Page - STMicroelectronics L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 184 page
background image
•
TCYCLE refers to the internal counter determining the routine period (sum of active and idle phases). It
can be programmed via the TCYCLE (for operation in Normal state) and TCYCLE_SLEEP (for operation in
Cyclic Wakeup state) bit fields. Available values are listed in Table 68:
–
TROUTINE refers to the duration of the active phase. It’s a variable time interval depending on how many
steps have scheduled for execution and their duration;
–
DUTY_ON is a flag set during the active phase, that is during TROUTINE , independently on the routine
execution mode;
–
The idle phase lasts TCYCLE - TROUTINE. Hence the routine duty-cycle is represented by the ratio
TROUTINE / TCYCLE;
–
TCYCLE_OVF is a latch set when TROUTINE > TCYCLE. This anomalous situation is often referred to
an overflow because leads to duty-cycle saturation (100%);
•
NCYCLE refers to the internal counter that is incremented by one every time a routine period ends. It is
useful for scheduling optional step execution every X cycles.
–
NCYCLE_X refers to a threshold specifying the X-th step periodicity. It can be programmed
independently for each step via SPI (e.g. NCYCLE_GPIO = ‘010’ specifies that GPIO conversion must
take place every 4 cycles). Refer to Section 4.12.4 Operations periodicity for all the available options.
4.12.1
Routine structure
The voltage conversion routine is structured as follows:
Figure 22. Voltage conversion routine
The steps are organized as follows:
•
Mandatory checks: they are fixed and cannot be excluded. They perform main operations such as Cells and
VBAT measurement;
–
Balance is paused if BAL_AUTO_PAUSE = 1.
•
Optional checks: they can be excluded or periodically executed. Each step periodicity can be configured
independently via its NCYCLE_X bit field (e.g. the NCYCLE_GPIO field programs the cyclic execution of the
GPIO conversion);
–
Steps involving the GPIOs do not affect balancing.
–
Steps involving Cell Terminal, Balance Terminal and HWSC require balance to be stopped
independently on the BAL_AUTO_PAUSE value.
In case balance is paused during a step, balance timer is frozen if BAL_TIM_AUTO_PAUSE = 1, otherwise it
keeps running even if balance operation is temporarily interrupted. Refer to Figure 25 in order to understand the
functionality of BAL_AUTO_PAUSE and BAL_TIM_AUTO_PAUSE bit.
Refer to Figure 25 for a graphic example of the BAL_AUTO_PAUSE and BAL_TIM_AUTO_PAUSE bit.
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 84/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com