Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 102 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics L9963E Datasheet HTML 103Page - STMicroelectronics L9963E Datasheet HTML 104Page - STMicroelectronics L9963E Datasheet HTML 105Page - STMicroelectronics L9963E Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 184 page
background image
5
Register map
The following paragraph contains the device register map.
Table 71. Register map legend
Field
Value
Description
Type
RO
Read Onlu
RW
Read/Write
WO
Write Only
RLR
Latch Clear on Read
Reset Sources
A
POR Standby
B
POR Main
X
Undefined
Table 72. SPI register map
Register Name
Field name
Description
DEV_GEN_CFG
0x1
chip_ID
RW
13
5
0x0
A
All 0s → No address (Init state)
X → Dev ID of SPI Protocol (L9963E
SPI Protocol Details)
isotx_en_h
RW
12
1
0x0
A
0 → ISOH port disabled
1 → ISOH port enabled
out_res_tx_iso
RW
10
2
0x0
A
Selects ISOH/L port differential signal
amplitude
See Table 18
iso_freq_sel
RW
8
2
0x0
B
Selects ISOH/L port carrier frequency
See Table 18
Noreg7
RO
7
1
0x0
X
HeartBeatCycle
RW
4
3
0x4
A
Selects heartbeat period
See Table 37
FaultH_EN
RW
3
1
0x0
A
Enables FAULTH receiver
See Table 36
HeartBeat_En
RW
2
1
0x0
B
Enables Heartbeat generation
See Table 36
Farthest_Unit
RW
1
1
0x0
A
Configures the unit as the stack
topmost
See Table 36
FaultL_force
RW
0
1
0x0
B
0 → FAULTL not forced high
1 → FAULTL forced high
L9963E
Register map
DS13636 - Rev 4
page 102/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com