Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 124Page - STMicroelectronics L9963E Datasheet HTML 125Page - STMicroelectronics L9963E Datasheet HTML 126Page - STMicroelectronics L9963E Datasheet HTML 127Page - STMicroelectronics L9963E Datasheet HTML 128Page - STMicroelectronics L9963E Datasheet HTML 129Page - STMicroelectronics L9963E Datasheet HTML 130Page - STMicroelectronics L9963E Datasheet HTML 131Page - STMicroelectronics L9963E Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 184 page
background image
6
Application information
6.1
Layout recommendations
6.1.1
PCB stackup
In order to achieve the best performances in terms of accuracy and EMC, an optimal PCB layer partitioning must
be chosen. ST recommends the following stackup on a 4 layer board:
•
Top layer: analog sense lines (refer to Section 6.1.3 Cell balancing (Force) and cell sensing (Sense) lines)
–
Battery supply and sense line (pin VBAT)
–
Cell voltage sense (pins Cx)
–
Current sense (pins ISENSEx)
–
NTC sense (pins GPIOx)
–
GNDREF
•
2nd layer: ground planes (refer to Section 6.1.2 Ground connections for further details)
–
AGND under sense lines
–
DGND under communication and digital lines
–
GND_ESD/PACK_GND under the ESD caps in the battery connector region
•
3rd layer: analog force lines (refer to Section 6.1.3 Cell balancing (Force) and cell sensing (Sense) lines)
–
Balancing lines (pins Sx and Bx_x-1)
•
Bottom layer: analog COM lines and Digital lines
–
Isolated COM line (pins ISOHx/ISOLx)
–
Digital lines (pins GPIOx)
–
Regulators (pins VREG, VCOM, VTREF, VANA)
6.1.2
Ground connections
In order to achieve the best performances in terms of accuracy and EMC, care must be taken while designing
ground connections.
L9963E features 4 ground pins used as internal reference:
•
AGND:
is the reference plane for the L9963E internal analog circuitry and must be kept as “clean” as
possible in order not to catch noise from nearby switching components. It can be used as 2nd layer of the
PCB to shield voltage sense lines routed on the 1st layer.
•
DGND:
is the reference plane for the L9963E internal digital circuitry and it introduces noise on the PCB
due to the logic switching activity. It must be separated from AGND plane and can be routed over the 2nd
PCB layer.
•
CGND: is the reference line for the L9963E internal communication circuitry. It is connected to the output
buffer of SDO line and it acts as a reference for the ISOHx and ISOLx signals. It can be joined with DGND
plane at device pin level.
•
GNDREF: is the reference line for the L9963E internal ADCs. It carries low current and must be connected
to the negative terminal of the battery pack, over the 1st layer, shielded by AGND as it was a cell voltage
sense line. This will guarantee a clean and precise reference for all the internal ADCs.
L9963E performances are guaranteed if ground shift between AGND/DGND/CGND/GNDREF is kept below 100
mV. Hence, all the planes/lines mentioned above must be joined on the same node. This node is normally
represented by the PCB connector to the battery pack ground, corresponding to the negative terminal of the first
cell (PACK_GND
).
In case the Hotplug circuitry is mounted, the grounds collection node becomes the drain terminal of the MOSFET
MHOT (refer to Figure 27).
L9963E
Application information
DS13636 - Rev 4
page 128/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com