Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 142 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 142 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 138Page - STMicroelectronics L9963E Datasheet HTML 139Page - STMicroelectronics L9963E Datasheet HTML 140Page - STMicroelectronics L9963E Datasheet HTML 141Page - STMicroelectronics L9963E Datasheet HTML 142Page - STMicroelectronics L9963E Datasheet HTML 143Page - STMicroelectronics L9963E Datasheet HTML 144Page - STMicroelectronics L9963E Datasheet HTML 145Page - STMicroelectronics L9963E Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
Table 79. FAULT line BOM
Components Value
Unit
Max.
tolerance
Rating
Comments
RBAT_OUT
10
kΩ
10%
1/2 W
Protect against STG and provide polarization for FAULT signal
propagation to the upper BMU
Do not use thin film resistors on these lines connected to ECU global
pins. They could drift upon System Level ESD strikes. Use thick film or
metal foil instead.
RPD
18
kΩ
10%
1/10 W Pull-down resistor for FAULT input
DZ
4.7
V
The SZMM3Z4V7T1G is recommended for clamping the voltage on the
FAULT input
RFAULT_HIGH
6.2
kΩ
10%
1/2 W
Filtering the FAULT signal and limiting the ESD inrush current. Protect
the FAULTH input in case of external short to battery.
Do not use thin film resistors on these lines connected to ECU global
pins. They could drift upon System Level ESD strikes. Use thick film or
metal foil instead.
CFAULT
2.2
nF
10%
50 V
Filtering the FAULT signal and improving ESD protection and immunity
to ISO spikes
RBASE
2
kΩ
10%
1/16 W Limit base current to the optoisolator
OPT
3.75
kVrms
The PS2703-1-F3-K-A is recommended for isolated propagation of the
FAULT signal
RBAT_IN
6.2
kΩ
10%
1/2 W
Protect against external shorts and provide polarization for FAULT
signal propagation to the lower BMU
Do not use thin film resistors on these lines connected to ECU global
pins. They could drift upon System Level ESD strikes. Use thick film or
metal foil instead.
RFAULT_OUT
6.2
kΩ
10%
1/2 W
Protect against external shorts and provide polarization for FAULT
signal propagation to the lower BMU
Do not use thin film resistors on these lines connected to ECU global
pins. They could drift upon System Level ESD strikes. Use thick film or
metal foil instead.
DOPT
82
V
Protect against sudden external shorts or ESD strikes. The
SMA6T82AY is recommended.
L9963E
FAULT line circuit
DS13636 - Rev 4
page 142/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com