Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 151 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 151 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 147Page - STMicroelectronics L9963E Datasheet HTML 148Page - STMicroelectronics L9963E Datasheet HTML 149Page - STMicroelectronics L9963E Datasheet HTML 150Page - STMicroelectronics L9963E Datasheet HTML 151Page - STMicroelectronics L9963E Datasheet HTML 152Page - STMicroelectronics L9963E Datasheet HTML 153Page - STMicroelectronics L9963E Datasheet HTML 154Page - STMicroelectronics L9963E Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 184 page
background image
6.10
Unused pins
The following paragraph contains instructions about how to connect unused pins. If these indications are not met,
L9963E will not operate properly.
6.10.1
Cell pins
6.10.1.1
Cell minimum configuration
The minimum configuration that allows L9963E correct functionality is the following:
•
At least the following four cells must be mounted:
–
CELL1
–
CELL2
–
CELL13
–
CELL14
•
The VCELLX_EN bit must be set to ‘1’ only for these four cells, in order to allow correct conversion and
diagnostics.
•
Nominal stack voltage must be always higher than VBAT_UV_WARNING.
6.10.1.2
Cell maximum configuration
The maximum configuration that L9963E can handle is:
•
All the fourteen cells mounted
•
The VCELLX_EN bit must be set to ‘1’ for all the cells
•
Nominal stack voltage must be always lower than the VBAT operating range specified in Table 2.
Refer to Figure 32 as an example.
6.10.1.3
Unmounted cells
If less than 14 cells are mounted, the following indications must be followed in order to ensure proper
measurement and diagnostic operation:
If N cells are not mounted:
•
Unmount N/2 ajacent couples as shown in Figure 47:
–
In case analog front end components are left mounted
◦
Simply short unused cells PCB connectors
–
In case analog front end components are removed from BOM
◦
Unused pins must be first shorted together to eliminate differential noise
◦
Shorted traces must be connected to GND plane (AGND is recommended) in order to eliminate
common mode noise
•
If a remaining spare cell has to be left unmounted, then it must be an odd cell, as shown in Figure 47:
–
In order to guarantee correct biasing of the internal sensing & balancing circuitry, recommended
components must be mounted and connection to the busbar has to be done
Cells not mounted must have their corresponding VCELLx_EN bit set to ‘0’ in order to disable related
diagnostics, otherwise wrong failures could be latched (such as cell UV).
L9963E
Unused pins
DS13636 - Rev 4
page 151/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com