Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 158Page - STMicroelectronics L9963E Datasheet HTML 159Page - STMicroelectronics L9963E Datasheet HTML 160Page - STMicroelectronics L9963E Datasheet HTML 161Page - STMicroelectronics L9963E Datasheet HTML 162Page - STMicroelectronics L9963E Datasheet HTML 163Page - STMicroelectronics L9963E Datasheet HTML 164Page - STMicroelectronics L9963E Datasheet HTML 165Page - STMicroelectronics L9963E Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 184 page
background image
6.12.2
Transceiver pinout
The following table lists pin functions and external connections for transceiver usage:
Table 85. Pinout description for transceiver mode
Pin
Type(1)
Connect to
Comments
VBAT
P
VDD5
NPNDRV
AO
Leave Floating
VREG regulator internally disabled
VREG
P
VDD5
VCOM
P
VDD5
VCOM regulator internally disabled
VANA
P
Tank capacitor
Same tank as in BMS mode. Refer to Table 73
FAULTH
DI
AFE circuitry
Same analog front end as in BMS mode (refer to Table 79). The only
exception is RFLT_PD = 47 kΩ instead of 18 kΩ
ISOHp
DIO
AFE circuitry
Same analog front end as in BMS mode. Refer to Table 73
ISOHm
DIO
AFE circuitry
VTREF
P
VDD5
VTREF regulator internally disabled
CAP1
P
Leave Floating
Bootstrap internally disabled
CAP2
P
Leave Floating
GPIO3-6
AI
GND
WAKEUP
DI
Microcontroller Digital
Output
GPIO7 is used as wakeup input determining operation in Sleep/Normal
states
SCK
DI
Microcontroller SCK
Lower port is forced to operate as SPI, regardless of the SPIEN pin.
However, to add robustness, the SPIEN pin must be connected to VDD5,
thus adding some redundancy
SDO
DO
Microcontroller SDI
NCS
DI
Microcontroller CS
SDI
DI
Microcontroller SDO
FAULTL
DO
Microcontroller Digital
Input
Propagates the FAULTH signal
SPIEN
DI
VDD5
Lower port is forced to operate as SPI
ISENSEp
AI
GND
Current sense interface is disabled
ISENSEm
AI
AGND
G
GND
DGND
G
GND
CGND
G
GND
GNDREF
G
GND
CX
AI
GND
Cell measurement is disabled
SX
AO
Leave Floating
Cell balancing is disabled
BX+1_X
AO
Leave Floating
1. P = Power supply, AO = Analog Output, DI = Digital Input, DIO = Digital Input/Output, AI = Analog Input, DO = Digital
Output, G = Ground.
L9963E
Transceiver mode
DS13636 - Rev 4
page 162/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com