Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 170 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 170 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 166Page - STMicroelectronics L9963E Datasheet HTML 167Page - STMicroelectronics L9963E Datasheet HTML 168Page - STMicroelectronics L9963E Datasheet HTML 169Page - STMicroelectronics L9963E Datasheet HTML 170Page - STMicroelectronics L9963E Datasheet HTML 171Page - STMicroelectronics L9963E Datasheet HTML 172Page - STMicroelectronics L9963E Datasheet HTML 173Page - STMicroelectronics L9963E Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 184 page
background image
Table 89. TQFP 10x10 64L exposed pad down package mechanical data
Ref
Min.
Typ.
Max.
Note
(see # in Notes below)
Ө
0°
3.5°
7°
-
Ө1
0°
-
-
-
Ө2
11°
12°
13°
-
Ө3
11°
12°
13°
-
A
-
-
1.2
15
A1
0.05
-
0.15
12
A2
0.95
1
1.05
15
b
0.17
0.22
0.27
9, 11
b1
0.17
0.2
0.23
11
c
0.09
-
0.2
11
c1
0.09
-
0.16
11
D
-
12.00 BSC
-
4
D1
-
10.00 BSC
-
2, 5
D2
See VARIATIONS
13
D3
See VARIATIONS
14
e
-
0.50 BSC
-
-
E
-
12.00 BSC
-
4
E1(*)
-
10.00 BSC
-
2, 5
E2
See VARIATIONS
13
E3
See VARIATIONS
14
L
0.45
0.6
0.75
-
L1
-
1.00 REF
-
-
N
-
64
-
16
R1
0.08
-
-
-
R2
0.08
-
0.2
-
S
0.2
-
-
-
Tolerance of form and position
aaa
-
0.20
-
1, 7, 19
bbb
-
0.20
-
ccc
-
0.08
-
ddd
-
0.08
-
VARIATIONS
Pad option 6.0 x 6.0 (T3)
D2
-
-
6.40
13, 14
E2
-
-
6.40
D3
4.80
-
-
E3
4.80
-
-Notes
Notes
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
L9963E
TQFP 10x10 64L exposed pad down package information
DS13636 - Rev 4
page 170/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com