Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 11Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 12Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 13Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 14Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 15Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 16Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
Modules list
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
15
KPP
Keypad Port
Human Machine
Interfaces
The KPP is a 16-bit peripheral that can be used as a
keypad matrix interface or as general purpose
input/output (I/O). It supports 8 x 8 external key pad
matrix. Main features are:
• Multiple-key detection
• Long key-press detection
• Standby key-press detection
• Supports a 2-point and 3-point contact key matrix
LCDIFv2
Parallel RGB LCD
interface version 2
Multimedia
Peripherals
The LCDIFv2 is an enhanced version of LCDIF.
Main features are:
• Eight layers of alpha blending
• CRC check for configurable region on the final
display output after alpha blending
• Write-back channel to save the final output into
memory
LPI2C1
LPI2C2
LPI2C3
LPI2C4
LPI2C5
LPI2C6
Low Power
Inter-integrated Circuit
Connectivity and
Communications
The LPI2C is a low power Inter-Integrated Circuit (I2C)
module that supports an efficient interface to an I2C bus
as a master.
The I2C provides a method of communication between
a number of external devices. More detailed information,
see Section 4.9.2, LPI2C module timing parameters.
LPSPI1
LPSPI2
LPSPI3
LPSPI4
LPSPI5
LPSPI6
Low Power Serial
Peripheral Interface
Connectivity and
Communications
The LPSPI is a low power Serial Peripheral Interface
(SPI) module that support an efficient interface to an SPI
bus as a master and/or a slave.
• It can continue operating while the chip is in stop
modes, if an appropriate clock is available
• Designed for low CPU overhead, with DMA off
loading of FIFO register access
LPUART1
LPUART2
LPUART3
LPUART4
LPUART5
LPUART6
LPUART7
LPUART8
LPUART9
LPUART10
LPUART11
LPUART12
UART Interface
Connectivity
Peripherals
Each of the UART modules support the following serial
data transmit/receive protocols and configurations:
• 7- or 8-bit data words, 1 or 2 stop bits, programmable
parity (even, odd or none)
• Programmable baud rates up to 20 Mbps.
MECC64
Error Correcting Code
Memories and
Memory Controllers
MECC64 module supports Single Error Correction and
Double Error Detection (SECDED) ECC function to
provide reliability for 4 banks On-Chip RAM (OCRAM)
access. When ECC function is disabled, ECC OCRAM
can be also used to store data.
Table 3. i.MX RT1160 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com