Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 63Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 64Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 65Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 66Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 67Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 68Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 69Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 70Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
67
4.6.1.4
MIPI LP-CD specifications
4.6.1.5
MIPI DC specifications
4.6.2
CMOS Sensor Interface (CSI) timing parameters
The following sections describe the CSI timing in gated and ungated clock modes.
4.6.2.1
Gated clock mode timing
Figure 27 and Figure 28 shows the gated clock mode timings for CSI, and Table 68 describes the timing
parameters (P1–P7) shown in the figures. A frame starts with a rising/falling edge on CSI_VSYNC
TMIN-RX
3
Minimum pulse width response
20
—
—
ns
VINT
Peak Interference amplitude
—
—
200
mV
fINT
Interference frequency
450
—
—
MHz
1 Time-voltage integration of a spike above V
IL when being in LP-0 state or below VIH when being in LP-1 state.
2 An impulse below this value will not change the receiver state.
3 An input pulse greater than this value will toggle the output.
Table 66. MIPI contention detector DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VIHCD
Logic 1 contention threshold
450
—
—
mV
VILCD
Logic 0 contention threshold
—
—
200
mV
Table 67. MIPI input characteristics DC specifications
Symbol
Parameter
Min
Typ
Max
Unit
VPIN
Pad signal voltage range
-50
—
1350
mV
ILEAK
1
1 When the pad voltage is within the signal voltage range between V
GNDSH(min) to VOH + VGNDSH(max) and the Lane Module is
in LP receive mode.
Pin leakage current
-10
—
10
A
VGNDSH
Ground shift
-50
—
50
mV
VPIN(absmax)
2
2 This value includes ground shift.
Maximum pin voltage level
-0.15
—
1.45
V
TVPIN(absmax)
3
3 The voltage overshoot and undershoot beyond the V
PIN is only allowed during a single 20 ns window after any LP-0 to LP-1
transition or vice versa. For all other situations it must stay within the VPIN range.
Maximum transient time above VPIN(max) or below VPIN(min)
—
—
20
ns
Table 65. MIPI low power receiver AC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com