Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 75 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 71Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 72Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 73Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 74Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 75Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 76Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
75
Table 75. ADC electrical specifications (1 V ≤ VREFFH < VDD_ANA_18min1 and VADINmax ≤ VREFH)2
1 VDD_ANA_18min = 1.71 V
2 Values in this table are based on design simulations.
Symbol
Description
Min
Typ3
3 Typical values assume Temp = 25 °C and fACLK = Max, unless otherwise stated. Typical values are for reference only, and are
not tested in production.
Max
Unit
Notes
VADIN
Input voltage
VREFL
—VREFH
V
—
VREFH
ADC high reference supply
input
1.0
1.8
1.89
V
—
CADIN
Input capacitance
—
4.5
—
pF
—
RADIN
Input resistance
—
500
—
—
RAS
Analog source resistance
—
—
5
K
4
fADCK
ADC conversion clock
frequency
8
—
88
MHz
—
Csample
Sample cycles
3.5
—
131.5
Cycles
5
Ccompare
Fixed compare cycles
—
17.5
—
Cycles
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycles
—
TUE
Total unadjusted Error
—
-14 to -2
—
LSB
6
DNL
Differential nonlinearity
—
±1.2
—
LSB
6,7
INL
Integral nonlinearity
—
±1.2
—
LSB
6,7
ENOB
Effective number of bits
8
Single-ended mode
Avg = 1
—
10.3
—
—
Avg = 2
—
10.6
—
—
Avg = 16
—
11.3
—
—
Differential mode
Avg = 1
—
11.2
—
—
Avg = 2
————
Avg = 16
————
SINAD
Signal to noise plus distortion SINAD = 6.02 x ENOB + 1.76
dB
—
EFS
Full-scale error
—
-4
—
LSB
6
EZS
Zero-scale error
—
0.05
—
LSB
6
lin_ext_leak
External channel leakage
current
—
30
500
nA
—
EIL
Input leakage error
RAS * lin_ext_leak
mV
—
tADCSETUP
Setup time
—
5
—
s
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com