Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 46Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
43
4.3.1.1
XTALI and RTC_XTALI (clock inputs) DC parameters
Table 33 shows the DC parameters for the clock inputs.
4.3.1.2
General purpose I/O (GPIO) DC parameters
Following section introduces the GPIO DC parameters, respectively, for GPIO pads. These parameters are
guaranteed per the operating ranges in Table 11 unless otherwise noted.
Table 33. XTALI and RTC_XTALI DC parameters1
1 The DC parameters are for external clock input only.
Parameter
Symbol Test Conditions
Min
Max
Unit
XTALI high-level DC input voltage
Vih
—
VDDA_1P8_IN - 0.5
VDDA_1P8_IN
V
XTALI low-level DC input voltage
Vil
—
0
0.5
V
RTC_XTALI high-level DC input voltage
Vih
—
VDD_SNVS_ANA - 0.5
VDD_SNVS_ANA
V
RTC_XTALI low-level DC input voltage
Vil
—
0
0.5
V
Table 34. DC specification for GPIO_EMC_B1/GPIO_EMC_B2/GPIO_SD_B1/GPIO_SD_B2/GPIO_DISP_B1
bank
Parameter
Symbol
Value
Unit
Condition
Min
Typ
Max
Receiver 3.3 V
High level input voltage
VIH
0.625 x NVCC
—
NVCC + 0.3
V
—
Low level input voltage
VIL
-0.3
—
0.25 x NVCC
V
—
Receiver 1.8 V
High level input voltage
VIH
0.65 x NVCC
—
NVCC + 0.3
V
—
Low level input voltage
VIL
-0.3
—
0.35 x NVCC
V
—
Driver 3.3 V and driver 1.8 V for PDRV = L and PDRV = H
Output high current
IOH
-6
—
—
mA
VOH = 0.8 x NVCC
Output low current
IOL
6—
—
mA
VOL = 0.2 x NVCC
Output low/high current total
for each IO bank
IOCT
——
100
mA
—
Weak pull-up and pull-down
Pull-up / pull-down resistance
RHigh
10
—
100
k
High voltage range
(2.7 V - 3.6 V)
Pull-up / pull-down resistance
RLow
20
—
50
k
Low voltage range
(1.65 V - 1.95 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com