Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 74 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 70Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 71Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 72Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 73Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 74Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 75Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 76Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
74
NXP Semiconductors
Electrical characteristics
fADCK
ADC conversion clock
frequency
8
—
88
MHz
—
Csample
Sample cycles
3.5
—
131.5
Cycles
3
Ccompare
Fixed compare cycles
—
17.5
—
Cycles
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycles
—
TUE
Total unadjusted Error
—
-14 to -2
—
LSB
4
DNL
Differential nonlinearity
—
±1.2
—
LSB
4,5
INL
Integral nonlinearity
—
±1.2
—
LSB
4,5
ENOB
Effective number of bits
6
Single-ended mode
Avg = 1
—
10.3
—
—
Avg = 2
—
10.6
—
—
Avg = 16
—
11.3
—
—
Differential mode
Avg = 1
—
11.2
—
—
Avg = 2
—
—
—
—
Avg = 16
—
—
—
—
SINAD
Signal to noise plus distortion SINAD = 6.02 x ENOB + 1.76
dB
—
EFS
Full-scale error
—
-4
—
LSB
4
EZS
Zero-scale error
—
0.05
—
LSB
4
lin_ext_leak
External channel leakage
current
—30
500
nA
—
EIL
Input leakage error
RAS * lin_ext_leak
mV
—
tADCSETUP
Setup time
—
5
—
s
—
1 Typical values assume Temp = 25 °C and fACLK = Max, unless otherwise stated. Typical values are for reference only, and are
not tested in production.
2 This resistance is external to the SoC. To achieve the best results, the analog source resistance must be kept as low as
possible. The results in this data sheet were derived from a system that had < 15 Ω analog source resistance. The RAS and
CAS time constant should be kept to < 1 ns.
3 See Figure 33, "Sample time VS. RAS".
4
1 LSB = (VREFH - VREFL) / 2^N, N = 12
5 ADC conversion clock at max frequency and using linear histogram.
6 Input data used for test is 1 kHz sine wave.
Table 74. ADC electrical specifications (VREFFH = 1.68 V and VADINmax ≤ NVCC_GPIOmax) (continued)
Symbol
Description
Min
Typ1
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com