Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 59Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 60Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 61Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 62Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 63Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 64Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 65Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 66Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
63
Figure 24. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case B2)
4.5.2.2
FlexSPI output/write timing
The following sections describe output signal timing for the FlexSPI controller including control signals
and data outputs.
4.5.2.2.1
SDR mode
NOTE
TCSS and TCSH are configured by the FlexSPIn_FLSHAxCR1 register, the
default values are shown above. Please refer to the i.MXRT1160 Reference
Manual (IMXRT1160RM) for more details.
Table 57. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case B2)
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
166
MHz
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-1
1
ns
Table 58. FlexSPI output timing in SDR mode
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
1661
1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing
specifications.
MHz
Tck
SCK clock period
6.0
—
ns
TDVO
Output data valid time
—
1
ns
TDHO
Output data hold time
1
—
ns
TCSS
Chip select output setup time
3 x TCK - 1
—
ns
TCSH
Chip select output hold time
3 x TCK + 2
—
ns
TSCKD
TSCK2DQS
SCK2
SIO[0:7]
DQS
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com