Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 86 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 84Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 85Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 86Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 87Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 88Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 89Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
86
NXP Semiconductors
Electrical characteristics
4.9.3.2
eMMC4.4/4.41/SD3.0 (Dual Data Rate) AC timing)
Figure 40 depicts the timing of eMMC4.4/4.41/SD3.0. Table 85 lists the eMMC4.4/4.41/SD3.0 timing
characteristics. Be aware that only DATA is sampled on both edges of the clock (not applicable to CMD).
Table 84. SD/eMMC4.3 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP1
1 In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
0
400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP2
2 In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0
–25 MHz. In high-speed mode,
clock frequency can be any value between 0
–50 MHz.
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP3
3 In normal (full) speed mode for MMC card, clock frequency can be any value between 0
–20 MHz. In high-speed mode, clock
frequency can be any value between 0
–52 MHz.
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7—
ns
SD3
Clock High Time
tWH
7—
ns
SD4
Clock Rise Time
tTLH
—3
ns
SD5
Clock Fall Time
tTHL
—3
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx (Reference to CLK)
SD6
uSDHC Output Delay
tOD
-6.6
3.6
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx (Reference to CLK)
SD7
uSDHC Input Setup Time
tISU
2.5
—
ns
SD8
uSDHC Input Hold Time4
4 To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
tIH
1.5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com