Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 12Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 13Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 14Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 15Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 16Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
16
NXP Semiconductors
Modules list
MIPI-CSI
MIPI CSI Interface
Multimedia
Peripherals
Key features of MIPI CSI controller are listed as
following:
• Implements all three MIPI CSI-2 layers
• Supports CSI-2 Unidirectional Master operation
• Virtual Channel support
• Flexible pixel-based user interface
MIPI-DSI
MIPI DSI Interface
Multimedia
Peripherals
Key features of MIPI DSI controller are listed as
following:
• Implements all three DSI layers
• Supports Command and Video Modes
• Virtual Channel support
• Flexible packet based user interface
MQS
Medium Quality Sound
Multimedia
Peripherals
MQS is used to generate 2-channel medium quality
PWM-like audio via two standard digital GPIO pins.
MU
Messaging Unit
System Control
The Messaging Unit module enables two processors
within the SoC to communicate and coordinate by
passing messages (e.g. data, status, and control)
through the MU interface.
The MU also provides the ability for one processor to
signal the other processor using interrupts.
OCOTP_CTRL
OTP Controller
Security
The On-Chip OTP controller (OCOTP_CTRL) provides
an interface for reading, programming, and/or overriding
identification and control information stored in on-chip
fuse elements. The module supports electrically
programmable poly fuses (eFUSEs). The
OCOTP_CTRL also provides a set of volatile
software-accessible signals that can be used for
software control of hardware elements, not requiring
non volatility. The OCOTP_CTRL provides the primary
user-visible mechanism for interfacing with on-chip fuse
elements. Among the uses for the fuses are unique chip
identifiers, mask revision numbers, cryptographic keys,
JTAG secure mode, boot characteristics, and various
control signals requiring permanent non volatility.
OCRAM
On-Chip Memory
controller
Memories and
Memory Controllers
The On-Chip Memory controller (OCRAM) module is
designed as an interface between the system’s AXI bus
and the internal (on-chip) SRAM memory module.
OSC
Oscillator
Clock Sources and
Control
Two crystal oscillators:
• 48 MHz crystal oscillator: it is used as primary clock
source for all the PLLs to generate the clock for CPU,
BUS, and high-speed interfaces.
• 32 kHz crystal oscillator: it is the primary clock source
for RTC as well as low speed clock source for
CCM/SRC/GPC.
PDM
Pulse Density Modulation
Multimedia
Peripherals
The PDM supports up to 8-channels (4 lanes) digital
MIC inputs.
Table 3. i.MX RT1160 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com