Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
35
4.2.3
Integrated LDO voltage regulator parameters
Various internal supplies can be powered ON from internal LDO voltage regulators. The on-chip LDOs
are intended for internal use only and should not be used to power any external circuitry. See the i.MX
RT1160 Reference Manual (IMXRT1160RM) for details on the power tree scheme.
4.2.3.1
LDO_SNVS_ANA
Table 16 shows the parameters of LDO_SNVS_ANA.
4.2.3.2
LDO_SNVS_DIG
Table 17 shows the parameters of LDO_SNVS_DIG.
4.2.3.3
LDO_PLL
Table 18 shows the parameters of LDO_PLL.
4.2.3.4
LPSR_LDO_DIG
LPSR_LDO_DIG provides 1.0 V power source (VDD_LPSR_DIG) from 1.8V power domain
(VDD_LPSR_ANA). The trim voltage range of LDO output is from 0.7 V to 1.15 V. There are two work
Table 16. LDO_SNVS_ANA specification
Specification
Min
Typ
Max
Unit
VDD_SNVS_IN
2.4
3
3.6
V
VDD_SNVS_ANA
1.65
1.75
1.95
V
I_out
—
—
1
mA
External decoupling capacitor
—
2.2
—
F
Table 17. LDO_SNVS_DIG specification
Specification
Min
Typ
Max
Unit
VDD_SNVS_ANA
1.65
1.75
1.95
V
VDD_SNVS_DIG
0.65
0.85
0.95
V
I_out
—
—
1
mA
External decoupling capacitor
—
0.22
—
F
Table 18. LDO_PLL specification
Specification
Min
Typ
Max
Unit
VDDA_1P8_IN
1.71
1.8
1.89
V
VDDA_1P0
0.9
1
1.2
V
I_out
—
—
70
mA
External decoupling capacitor
—
2.2
—
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com