Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
33
•
Irreversible damage to the processor (worst-case scenario)
Figure 4 shows the power sequence.
Figure 4. Power sequence
4.2.1.1
Power-up sequence
The below restrictions must be followed:
•
VDD_SNVS_IN supply must be turned on before any other power supply or be connected
(shorted) with VDD_LPSR_IN and DCDC_IN supply.
•
If a coin cell is used to power VDD_SNVS_IN, then ensure that it is connected before any other
supply is switched on.
•
When internal DCDC is enabled, external delay circuit is required to delay the
“DCDC_PSWITCH” signal at least 1 ms after DCDC_IN is stable.
•
Need to ensure DCDC_IN ramps to 3.0 V within 0.2 x RC, RC is from external delay circuit used
for DCDC_PSWITCH and must be longer than 1 ms.
•
POR_B (if used) must be held low during the entire power up sequence.
NOTE
The POR_B input (if used) must be immediately asserted at power-up and
remain asserted until after the last power rail reaches its working voltage. In
the absence of an external reset feeding the POR_B input, the internal POR
module takes control. See the i.MX RT1160 Reference Manual
(IMXRT1160RM) for further details and to ensure that all necessary
requirements are being met.
VDD_SNVS_IN
VDD_SNVS_ANA
VDD_SNVS_DIG
VDD_LPSR_IN
VDD_LPSR_ANA
VDD_LPSR_DIG
DCDC_IN
VDDA_1P8
VDD_SOC_IN
1ms
DCDC_PSWITCH
POR_B
ONOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com