Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
40
NXP Semiconductors
Electrical characteristics
Each i.MX RT1160 processor has two external input system clocks: a low frequency (RTC_XTALI) and
a high frequency (XTALI).
The RTC_XTALI is used for low-frequency functions. It supplies the clock for wake-up circuit,
power-down real time clock operation, and slow system and watch-dog counters. The clock input can be
connected to either external oscillator or a crystal using internal oscillator amplifier. Additionally, there is
an internal ring oscillator, which can be used instead of the RTC_XTALI if accuracy is not important.
The system clock input XTALI is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either external oscillator or a crystal using internal
oscillator amplifier.
Clock output
FOSC
Oscillator crystal or resonator
frequency
——
24
—
MHz
tdcy
Duty-cycle of the output clock
—
40
50
60
%
Dynamic parameters
VPP
Peak-peak amplitude of
oscillation
Low-power mode
—
0.8
—
V
High gain mode
0.75x
VDDA_
1P8_IN
0.8 x
VDDA_
1P8_IN
—V
tstart
Start-up time
24 MHz low-power
mode
—250
—
s
24 MHz high-gain
mode
—250
—
s
1 Depends on the drive level of external crystal device
Table 28. 32 kHz oscillator DC electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Note
Cpara
Parasitically capacitance of RTC_XTALI
and RTC_XTALO
—1.5
2.0
pF
—
Vpp
Peak-to-peak amplitude of oscillator
—
0.6
—
V
1
1 Proper PCB layout procedures must be followed to achieve specifications.
fosc_lo
Oscillator crystal
—
32.768
—
kHz
—
tstart
Crystal startup time
—
500
—
ms
1
Vec_extal32
Externally provided input clock amplitude
0.7
—
VDD_SNVS
_ANA
V
2,3
2 This specification is for an externally supplied clock driven to EXTAL32 and does not apply to any other clock input. The
oscillator remains enabled and XTAL32 must be left unconnected.
3 The parameter specified is a peak-to-peak value and VIH and VIL specifications do not apply. The voltage of the applied clock
must be within the range of VSS to VDD_SNVS_ANA.
Table 27. System oscillator frequency specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com