Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 46Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 47Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 48Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 49Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
46
NXP Semiconductors
Electrical characteristics
4.3.2
I/O AC parameters
The GPIO and DDR I/O load circuit and output transition time waveform are shown in Figure 6 and
Figure 7.
Figure 6. Load circuit for output
Figure 7. Output transition time waveform
4.3.2.1
General purpose I/O (GPIO) AC parameters
The I/O AC parameters for GPIO are presented in the Table 37 and Table 38, respectively.
13
Input leakage current
All voltage range
—
1
A
14
Output capacitance (CL)
All voltage range
—
15
pF
15
Input capacitance (Cin)
All voltage range
—
5
pF
16
Output low/high current
total for each IO bank (IOCT)
All voltage range
—
100
mA
Table 37. AC specification for GPIO_EMC_B1/GPIO_EMC_B2/GPIO_SD_B1/GPIO_SD_B2/GPIO_DISP_B1
bank
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Driver 1.8 V application
fmax
Maximum frequency
Load = 21 pF (PDRV = L, high drive,
33
——
208
MHz
Load = 15 pF (PDRV = H, low drive,
50
tr
Rise time
Measured between VOL and VOH
0.4
—
1.32
ns
tf
Fall time
Measured between VOH and VOL
0.4
—
1.32
ns
Driver 3.3 V application
Table 36. DC specification for GPIO_AD/GPIO_LPSR/GPIO_DISP_B2 bank (continued)
NO.
Characteristics
Test Conditions
Min
Max
Units
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com