Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 9Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
6
NXP Semiconductors
i.MX RT1160 introduction
— DEK includes IV
— Side channel attack countermeasures
— 64 KB secure RAM
•
Inline Encryption Engine (IEE):
— External memory encryption/decryption
— I/O direct encrypted storage and retrieval (Stream Support)
— FlexSPI decryption only
•
On-the-Fly AES Decryption (OTFAD):
— AES-128 Counter Mode On-the-Fly Decryption
— Hardware support for unwrapping “key blobs”
— Functionally acts as a slave sub-module to the FlexSPI
•
Secure Non-Volatile Storage (SNVS):
— Secure real-time clock (SRTC)
— Zero Master Key (ZMK)
•
Secure always-on RAM (4 KB)
•
Secure key management and protection
— Physical Unclonable Function (PUF)
— UnDocumented Function (UDF)
— Built-in Manufacturing Protection Hardware
•
Secure and trusted access control
NOTE
The actual feature set depends on the part numbers as described in Table 1.
Functions such as display and camera interfaces, connectivity interfaces,
and security features are not offered on all derivatives.
1.2
Ordering information
Table 1 provide examples of orderable part numbers covered by this Data Sheet.
Table 1. Order information
MIMXRT1166XVM5A
MIMXRT1165XVM5A
Qualification tier
Extended Industrial
Extended Industrial
M7 core
500 MHz
500 MHz
M4 core
240 MHz
240 MHz
SRAM
1 MB without ECC or 896 KB with ECC 1 MB without ECC or 896 KB with ECC
Parallel LCD and CSI
Yes
—
MIPI DSI and CSI
Yes
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com