Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 46Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 47Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 48Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
45
5
Output high voltage (VOH)
DSE = 0
Normal voltage range
IOH = -5 mA
NVCC - 0.5
—
V
Derated voltage range
IOH = -3 mA
NVCC - 0.5
—
V
Derated2 voltage range
IOH = -2.5 mA
NVCC - 0.5
—
V
Low voltage range
IOH = -5 mA
NVCC - 0.5
—
V
High voltage range
IOH = -5 mA
NVCC - 0.5
—
V
6
Output low voltage (VOL)
DSE = 1
Normal voltage range
IOL = 10 mA
—0.5
V
Derated voltage range
IOL = 6 mA
—0.5
V
Derated2 voltage range
IOL = 5 mA
—0.5
V
Low voltage range
IOL = 10 mA
—0.5
V
High voltage range
IOL = 10 mA
—0.5
V
7
Output low voltage (VOL)
DSE = 0
Normal voltage range
IOL = 5 mA
—0.5
V
Derated voltage range
IOL = 3 mA
—0.5
V
Derated2 voltage range
IOL = 2.5 mA
—0.5
V
Low voltage range
IOL = 5 mA
—0.5
V
High voltage range
IOL = 5 mA
—0.5
V
8
NVCC
Normal voltage range
2.7
3.6
V
Derated voltage range
1.98
2.7
V
Derated2 voltage range
1.71
1.98
V
Low voltage range
1.71
1.98
V
High voltage range
3
3.6
V
11
Pull-up resistor range (RPU)
Measure @VDD
All voltage range
25
50
k
12
Pull-down resistor range
(RPD)
Measure @VSS
All voltage range
25
50
k
Table 36. DC specification for GPIO_AD/GPIO_LPSR/GPIO_DISP_B2 bank (continued)
NO.
Characteristics
Test Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com