Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
28
NXP Semiconductors
Electrical characteristics
4.1.4
Maximum supply currents
The data shown in Table 12 represent a use case designed specifically to show the maximum current
consumption possible. All cores are running at the defined maximum frequency and are limited to L1
cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a very limited
practical use case, if at all, and be limited to an extremely low duty cycle unless the intention were to
specifically show the worst case power consumption.
Table 12. Maximum supply currents
Power Rail
Comments
Max Current
Unit
DCDC_IN
Max power for chip at 125 oC
500
mA
VDDA_1P8_IN
1.8 V power supply for PLL, OSC, and
LDOs
100
mA
VDD_SOC_IN
Power supply for digital logic
850
mA
VDD_LPSR_IN
3.3 V power supply for LPSR domain
75
mA
VDD_SNVS_IN
Power supply for SNVS domain
1
mA
VDD_USB_1P8
1.8 V power supply for USB OTG PHYs
50
mA
VDD_USB_3P3
3.3 V power supply for USB OTG PHYs
60
mA
VDDA_ADC_1P8
1.8 V power supply for ADC, DAC, and
ACMP
10
mA
VDDA_ADC_3P3
ADC_VREFH
3.3 V power supply for ADC, DAC, and
ACMP
2mA
VDD_MIPI_1P8
1.8 V power supply for MIPI CSI/DSI PHY
100
mA
VDD_MIPI_1P0
1.0 V power supply for MIPI CSI/DSI PHY
30
mA
NVCC_SD1
NVCC_SD2
NVCC_EMC1
NVCC_EMC2
NVCC_GPIO
NVCC_DISP1
NVCC_DISP2
NVCC_LPSR
NVCC_SNVS
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock rate (F)
In this equation, Imax is in Amps, C in Farads, V in Volts, and F in Hertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com