Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
32
NXP Semiconductors
Electrical characteristics
Table 14 shows the typical wakeup time.
4.2
System power and clocks
This section provides the information about the system power and clocks.
4.2.1
Power supplies requirements and restrictions
The system design must comply with power-up sequence, power-down sequence, and steady state
guidelines as described in this section to guarantee the reliable operation of the device. Any deviation
from these sequences may result in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
Set Point
#15 Standby
Suspend
• Lower voltage to 0.8 V with RBB mode for LPSR
domain
• System is on STANDBY mode
• CM7 is power off, CM4 is on SUSPEND mode
• CM4 TCM with ECC is on retention
• DCDC is off, LDO_LPSR_ANA and
LDO_LPSR_DIG are active
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• The WAKEUPMIX domain, MEGAMIX domain,
and DISPLAYMIX domain are power gated
• All peripherals in LPSRMIX domain are clock
gated, but remain powered
DCDC_IN
26.1
52.4
A
VDD_LPSR_IN
0.503
7.9
mA
VDD_SNVS_IN
3.8
18.1
A
Total
1.759
26.303
mW
SNVS
• Only SNVS domain is powered
• 32 kHz RTC is alive
• DCDC_IN and VDD_LPSR_IN are power gated
DCDC_IN
0
0
A
VDD_LPSR_IN
0
0
A
VDD_SNVS_IN
3.8
18.4
A
Total
12.54
60.72
W
1 Code runs in the ITCM; typical values are the average values on typical process wafers.
Table 14. Typical wakeup time1
1 Please refer to Table 13 for Set Point modes definition, and the only difference between Set Point #15 Standby Suspend mode
and Set Point #15 Standby Stop mode is the Suspend mode versus Stop mode on CM4 core.
Description
Typical wakeup time
Unit
From Set Point #0 Standby Suspend to Set Point #0 normal drive RUN
4.13
ms
From Set Point #5 Standby Suspend to Set Point #0 normal drive RUN
4.79
ms
From Set Point #10 Standby Suspend to Set Point #0 normal drive RUN
5.47
ms
From Set Point #15 Standby Stop to Set Point #0 normal drive RUN
7.6
ms
From SNVS mode to ROM exit
8.97
ms
Table 13. Typical power modes current and power consumption (Dual core) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com