Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
37
For additional information, see the i.MX RT1160 Reference Manual (IMXRT1160RM).
Table 21. DCDC characteristics
Description
Min
Typ
Max
Unit
Comments
Input voltage
3
3.3
3.6
V
—
Output voltage
• 1.0 V output
0.6
1
1.375
V
25 mV per step
• 1.8 V output
1.5
1.8
2.275
V
25 mV per step
Loading
• 1.0 V output
—
150
850
mA
—
• 1.8 V output
—
80
150
mA
—
Efficiency
• DCDC run mode
—
80%
—
—
150 mA@vdd1p0
80 mA@vdd1p8
• DCDC low power mode
—
80%
—
—
300
A@vdd1p0
300
A@vdd1p8
Output voltage accuracy
• DCDC Run mode
-2.5%
—
2.5%
—
Maximum 50 mV
Vp-p@vdd1p0
• DCDC Low power mode
-6%
—
6%
—
—
Over current detection
—
1.5
—
A
The typical value can be
configured as 1.5 A and
2 A by register.
Over voltage detection
• Output 1.8 V
—
2.5
2.75
V
—
• Output 1.0 V
—
1.5
1.65
V
—
• Low DCDC_IN detection
—
2.6
2.8
V
—
Leakage current
—
3
—
A
DCDC off
Quiescent current
• DCDC Run mode
—
150
—
A—
• DCDC Low power mode
—
5
—
A—
Capacitor value
—
33
(DCDC_ANA)
66
(DCDC_DIG)
—
F
High frequency
capacitor are also
required.
Inductor value
—
4.7
—
H—
• Saturation current
—
1
—
A
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com