Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 15Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 16Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
Modules list
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
19
uSDHC1
uSDHC2
SD/MMC and SDXC
Enhanced Multi-Media
Card / Secure Digital Host
Controller
Connectivity
Peripherals
i.MX RT1160 specific SoC characteristics:
All four MMC/SD/SDIO controllers are identical and are
based on the uSDHC. They are:
• Fully compliant with MMC command/response sets
and Physical Layer as defined in the Multimedia Card
System Specification.
• Fully compliant with SD command/response sets and
Physical Layer as defined in the SD Memory Card
Specifications, v3.0 including high-capacity SDXC
cards up to 2 TB.
• Fully compliant with SDIO command/response sets
and interrupt/read-wait mode as defined in the SDIO
Card Specification, Part E1, v3.0
Two ports support:
• 1-bit or 4-bit transfer mode specifications for SD and
SDIO cards up to UHS-I SDR104 mode (104 MB/s
max)
• 1-bit, 4-bit, or 8-bit transfer mode specifications for
MMC cards up to 52 MHz in both SDR and DDR
modes (104 MB/s max)
• 4-bit or 8-bit transfer mode specifications for eMMC
chips up to 200 MHz in HS200 mode (200 MB/s max)
VIDMUX
Video mux
Mux control
Video mux are mux control for Parallel CSI (IO PADs),
MIPI CSI-2, MIPI DSI, Parallel LCDIF (IO PADs) and
CSI, LCDIF-V2, eLCDIF control. It also includes the
DCIC of MIPI DSI and Parallel DSI.
WDOG1
WDOG2
WDOG3
WDOG4
Watch Dog
Timer Peripherals
WDOG1 and WDOG2 Timer support two comparison
points during each counting period. Each of the
comparison points is configurable to evoke an interrupt
to the Arm core, and a second point evokes an external
event on the WDOG line.
WDOG3 and WDOG4 modules are high reliability
independent timers that are available for system to use.
They provide a safety feature to ensure software is
executing as planned and the CPU is not stuck in an
infinite loop or executing unintended code. If the WDOG
module is not serviced (refreshed) within a certain
period, it resets the MCU. Windowed refresh mode is
supported as well.
XBARA
XBARB
Cross BAR
Cross Trigger
Each crossbar switch is an array of muxes with shared
inputs. Each mux output provides one output of the
crossbar. The number of inputs and the number of
muxes/outputs are user configurable and registers are
provided to select which of the shared inputs are routed
to each output.
Table 3. i.MX RT1160 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com