Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 79Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 80Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 81Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 84Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 85Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
82
NXP Semiconductors
Electrical characteristics
4.9.1
LPSPI timing parameters
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with master and
slave operations. Many of the transfer attributes are programmable. The following tables provide timing
characteristics for classic LPSPI timing modes.
All timing is shown with respect to 20% VDD and 80% VDD thresholds, unless noted, as well as input
signal transitions of 3 ns and a 30 pF maximum load on all LPSPI pins.
Figure 35. LPSPI Master mode timing (CPHA = 0)
Table 81. LPSPI Master mode timing
Number
Symbol
Description
Min.
Max.
Units
Note
1fSCK
Frequency of operation
—
fperiph / 2
MHz
1
1 Absolute maximum frequency of operation (fop) is 30 MHz. The clock driver in the LPSPI module for fperiph must guaranteed
this limit is not exceeded.
2tSCK
SCK period
2 x tperiph
—ns
2
2 tperiph = 1000 / fperiph
3tLead
Enable lead time
1
—
tperiph
—
4tLag
Enable lag time
1
—
tperiph
—
5tWSCK
Clock (SCK) high or low time
tSCK / 2 - 3
—
ns
—
6tSU
Data setup time (inputs)
10
—
ns
—
7tHI
Data hold time (inputs)
2
—
ns
—
8tV
Data valid (after SCK edge)
—
8
ns
—
9tHO
Data hold time (outputs)
0
—
ns
—
(OUTPUT)
2
8
6
7
MSB IN
2
LSB IN
MSB OUT
2
LSB OUT
9
5
5
3
(CPOL=0)
4
SCK
SCK
(CPOL=1)
2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB.
1. If configured as an output.
PCS
1
(OUTPUT)
(OUTPUT)
SOUT
(OUTPUT)
SIN
(INPUT)
BIT 6 . . . 1
BIT 6 . . . 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com