Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 66Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 67Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 68Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 69Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 70Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 71Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 72Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 73Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
70
NXP Semiconductors
Electrical characteristics
4.6.3
LCD Controller timing parameters
Figure 30 shows the LCD timing and Table 70 lists the timing parameters.
Figure 30. LCD timing
4.7
Audio
This section provides information about SAI/I2S.
4.7.1
SAI/I2S switching specifications
This section provides the AC timings for the SAI in master (clocks driven) and slave (clocks input) modes.
All timings are given for non-inverted serial clock polarity (SAI_TCR[TSCKP] = 0, SAI_RCR[RSCKP]
= 0) and non-inverted frame sync (SAI_TCR[TFSI] = 0, SAI_RCR[RFSI] = 0). If the polarity of the clock
and/or the frame sync have been inverted, all the timings remain valid by inverting the clock signal
(SAI_BCLK) and/or the frame sync (SAI_FS) shown in the figures below.
Table 70. LCD timing parameters
ID
Parameter
Symbol
Min
Max
Unit
L1
LCD pixel clock frequency
tCLK(LCD)
—
75/1501
1 For eLCDIF or LCDIFv2, the maximum pixel clock frequency of parallel IO interface is 75 MHz, while it is 150 MHz for MIPI
DSI interface.
MHz
L2
LCD pixel clock high (falling edge capture)
tCLKH(LCD)
3
—
ns
L3
LCD pixel clock low (rising edge capture)
tCLKL(LCD)
3
—
ns
L4
LCD pixel clock high to data valid (falling edge capture)
td(CLKH-DV)
-1
1
ns
L5
LCD pixel clock low to data valid (rising edge capture)
td(CLKL-DV)
-1
1
ns
L6
LCD pixel clock high to control signal valid (falling edge capture)
td(CLKH-CTRLV)
-1
1
ns
L7
LCD pixel clock low to control signal valid (rising edge capture)
td(CLKL-CTRLV)
-1
1
ns
L1
L2
L3
L4
LCDn_CLK
(falling edge capture)
LCDn_CLK
(rising edge capture)
LCDn_DATA[23:00]
LCDn Control Signals
L5
L6
L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com