Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 51Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 52Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 53Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 54Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 55Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 56Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 57Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 58Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
55
4.5.1
SEMC specifications
The following sections provide information on SEMC interface.
Measurements are with a load of 15 pf and an input slew rate of 1 V/ns.
4.5.1.1
SEMC output timing
There are ASYNC and SYNC modes for SEMC output timing.
4.5.1.1.1
SEMC output timing in ASYNC mode
Table 45 shows SEMC output timing in ASYNC mode.
Figure 15 shows the output timing in ASYNC mode.
Table 45. SEMC output timing in ASYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
200
MHz
TCK
Internal clock period
5
—
ns
TAVO
Address output valid time
—
2
ns
These timing parameters
apply to Address and ADV#
for NOR/PSRAM in ASYNC
mode.
TAHO
Address output hold time
(TCK - 2) 1
1 Address output hold time is configurable by SEMC_*CR0.AH. AH field setting value is 0x0 in above table. When AH is set
with value N, TAHO min time should be ((N + 1) x TCK). See the i.MX RT1160 Reference Manual (IMXRT1160RM) for more
detail about SEMC_*CR0.AH register field.
—ns
TADVL
Active low time
(TCK - 1) 2
2 ADV# low time is configurable by SEMC_*CR0.AS. AS field setting value is 0x0 in above table. When AS is set with value N,
TADL min time should be ((N + 1) x TCK - 1). See the i.MX RT1160 Reference Manual (IMXRT1160RM) for more detail about
SEMC_*CR0.AS register field.
TDVO
Data output valid time
—
2
ns
These timing parameters
apply to Data/CLE/ALE and
WE# for NAND, apply to
Data/DM/CRE for
NOR/PSRAM, apply to
Data/DCX and WRX for DBI
interface.
TDHO
Data output hold time
(TCK - 2) 3
3 Data output hold time is configurable by SEMC_*CR0.WEH. WEH field setting value is 0x0 in above table. When WEH is set
with value N, TDHO min time should be ((N + 1) x TCK). See the i.MX RT1160 Reference Manual (IMXRT1160RM) for more
detail about SEMC_*CR0.WEH register field.
—ns
TWEL
WE# low time
(TCK - 1) 4
4 WE# low time is configurable by SEMC_*CR0.WEL. WEL field setting value is 0x0 in above table. When WEL is set with value
N, TWEL min time should be ((N + 1) x TCK - 1). See the i.MX RT1160 Reference Manual (IMXRT1160RM) for more detail
about SEMC_*CR0.WEL register field.
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com