Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
38
NXP Semiconductors
Electrical characteristics
4.2.5
PLL’s electrical characteristics
This section provides PLL electrical characteristics.
4.2.5.1
Audio/Video PLL’s electrical parameters
4.2.5.2
528 MHz PLL
4.2.5.3
Ethernet PLL
Table 22. Audio/Video PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
650
—
1300
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
11250
reference cycles
Period jitter (p2p)
—
50
—
ps
Duty cycle
48.5
—
51.5
%
Table 23. 528 MHz PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
—
—
528
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
11250
reference cycles
Period jitter (p2p)
—
50
—
ps
PFD period jitter (p2p)
—
100
—
ps
Duty cycle
45
—
55
%
Table 24. Ethernet PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
—
—
1000
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
11250
reference cycles
Period jitter (p2p)
—
50
—
ps
Duty cycle
47.5
—
52.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com