Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 87 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 84Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 85Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 86Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 87Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 88Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 89Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 90Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
87
Figure 40. eMMC4.4/4.41/SD3.0 timing
4.9.3.3
SDR50/SDR104 AC timing
Figure 41 depicts the timing of SDR50/SDR104, and Table 86 lists the SDR50/SDR104 timing
characteristics.
Figure 41. SDR50/SDR104 timing
Table 85. eMMC4.4/4.41/SD3.0 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (eMMC4.4/4.41 DDR)
fPP
052
MHz
SD1
Clock Frequency (SD3.0 DDR)
fPP
050
MHz
uSDHC Output / Card Inputs SD_CMD, SDx_DATAx (Reference to CLK)
SD2
uSDHC Output Delay
tOD
2.8
6.8
ns
uSDHC Input / Card Outputs SD_CMD, SDx_DATAx (Reference to CLK)
SD3
uSDHC Input Setup Time
tISU
2.4
—
ns
SD4
uSDHC Input Hold Time
tIH
1.2
—
ns
SD1
SD2
SD3
Output from eSDHCv3 to card
Input from card to eSDHCv3
SDx_DATA[7:0]
SDx_CLK
SD4
SD2
......
......
SDx_DATA[7:0]
SCK
4-bit output from uSDHC to card
4-bit input from card to uSDHC
SD8
SD7
SD6
SD4/SD5
SD2
SD3
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com