Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 89 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 85Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 86Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 87Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 88Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 89Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 90Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 91Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 92Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
89
4.9.3.5
HS400 specifications - eMMC 5.0 only
Be aware that only data are sampled on both edges of the clock (not applicable to CMD). The CMD
input/output timing for HS400 mode is the same as CMD input/output timing for HS200 mode. Check SD5
and SD8 parameters in the HS200 interface timing specifications table for CMD input/output timing of
HS400 mode.
Table 87 lists the HS400 timing characteristics.
Table 87. HS200 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
0.46 x tCLK
0.54 x tCLK
ns
SD3
Clock High Time
tCH
0.46 x tCLK
0.54 x tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
–1.6
0.74
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)1
1HS200 is for 8 bits while SDR104 is for 4 bits.
SD8
Card Output Data Window
tODW
0.5 x tCLK
—ns
Table 88. HS400 interface timing specification
Symbol
Description
Min
Max
Unit
Operating voltage
1.71
1.95
V
Card input clock
Clock frequency
0
200
MHz
SD1
Clock period
5.0
—
ns
SD2
Clock Low time
0.46 x SD1
0.54 x SD1
ns
SD3
Clock High time
0.46 x SD1
0.54 x SD1
ns
SDHC output / card Inputs SDHC_CMD, SDHC_Dn (reference to SDHC_CLK)
SD4
Output skew from data to edge of SCK
0.45
—
ns
SD5
Output skew from edge of SCK to data
0.45
—
ns
SDHC input / card outputs (reference to strobe)
SD6
SDHC input skew
—
0.45
ns
SD7
SDHC hold skew
—
0.45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com