Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
23
4
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX RT1160
processors.
4.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 7 for a quick reference
to the individual tables and sections.
4.1.1
Absolute maximum ratings
CAUTION
Stress beyond those listed under Table 8 may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
Table 8 shows the absolute maximum operating ratings.
Table 7. i.MX RT1160 chip-Level conditions
For these characteristics
Topic appears
Absolute maximum ratings
on page 23
Thermal characteristics
on page 25
Operating ranges
on page 25
Maximum supply currents
on page 28
Typical power mode supply currents
on page 29
System power and clocks
on page 32
Table 8. Absolute maximum ratings
Parameter Description
Symbol
Min
Max
Unit
Core supplies input voltage
VDD_SOC_IN
-0.3
1.2
V
Power for LPSR domain
VDD_LPSR_IN
-0.3
3.96
V
Power for DCDC
DCDC_IN
-0.3
3.96
V
Power for PLL, OSC, and LDOs
VDDA_1P8_IN
-0.3
1.98
V
Supply input voltage to Secure Non-Volatile Storage
and Real Time Clock
VDD_SNVS_IN
-0.3
3.96
V
USB VBUS supply
USB1_VBUS
USB2_VBUS
-0.3
5.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com