Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
36
NXP Semiconductors
Electrical characteristics
modes: Low Power mode and High Power mode. In typical PVT case, the static current consumption is
less than 3 A in Low Power mode. The maximum drive strength of this LDO regulator is 50 mA in High
Power mode.
4.2.3.5
LPSR_LDO_ANA
LPSR_LDO_ANA provides 1.8 V power source (VDD_LPSR_ANA) from 3.3 V power domain
(VDD_LPSR_IN). Its default output value is 1.8 V. Two work modes are supported by this LDO: Low
Power mode and High Power mode. In Low Power mode, the LDO provides 2 mA (maximum value) by
consuming only 4 A current. In High Power mode, the LDO provides 75 mA current capacity with 40 A
static power dissipation.
4.2.4
DCDC
DCDC can be configured to operate on power-save mode when the load current is less than 50 mA. During
the power-save mode, the converter operates with reduced switching frequency in PFM mode and with a
minimum quiescent current to maintain high efficiency.
DCDC can detect the peak current in the P-channel switch. When the peak current exceeds the threshold,
DCDC will give an alert signal, and the threshold can be configured. By this way, DCDC can roughly
detect the current loading.
DCDC also includes the following protection functions:
•
Over current protection. In run mode, DCDC shuts down when detecting abnormal large current in
the P-type power switch.
•
Over voltage protection. DCDC shuts down when detecting the output voltage is too high.
•
Low voltage detection. DCDC shuts down when detecting the input voltage is too low.
Table 21 shows DCDC characteristics.
Table 19. LPSR_LDO_DIG specification
Specification
Min
Typ
Max
Unit
VDD_LPSR_ANA
1.71
1.8
1.89
V
VDD_LPSR_DIG
0.7
1
1.15
V
I_out
—
—
50
mA
External decoupling capacitor
—
2.2
—
F
Table 20. LPSR_LDO_ANA specification
Specification
Min
Typ
Max
Unit
VDD_LPSR_IN
3
3.3
3.6
V
VDD_LPSR_ANA
—
1.8
—
V
I_out
—
—
75
mA
External decoupling capacitor
—
4.7
—
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com