Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 9Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 10Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 11Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
8
NXP Semiconductors
i.MX RT1160 introduction
Figure 1. Part number nomenclature—i.MX RT11XX family
Temperature (Tj)
+
Consumer: 0 to + 95 °C
D
Industrial: -40 to +105 °C
C
Extended Industrial: -40 to +125 °C
X
Automotive: -40 to + 125
C
A
Main Core Frequency
$
2xx MHz
2
500 MHz
5
600 MHz
6
800 MHz
8
1 GHz
A
Qualification Level
M
Prototype Samples
P
Mass Production
M
Special
S
Part # series
XX
i.MX RT
RT
M
IMX
X X
@
%
+
VV
$
A
Family
@
First Generation RT family
1
Reserved
2-8
##
Silicon Rev
A
A0
A
Sub-Family
##
RT116x
16
RT117x
17
Package Type
VV
289MAPBGA, 14 x 14 mm, 0.8 mm pitch
VM
144MAPBGA, 10 x 10 mm, 0.8 mm pitch
VP
196MAPBGA, 10 x 10 mm, 0.65 mm pitch
VL
Tie
%
Single Core Standard Feature
1
Single Core Enhanced Feature
2
Dual Core Enhanced Security
3
Dual Core Standard Feature
5
Dual Core Enhanced Feature
6
Dual Core Premium Feature
7
8MB Flash SIP
8
Dual Core Full Feature
9
Facial Recognition
F
Hybrid Solution with Vision & Voice
H
Local Voice Control (w/ Text2Model)
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com