Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 4 Page - NXP Semiconductors

  PIMXRT516SCVP5A Datasheet HTML 1Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
4
NXP Semiconductors
i.MX RT1160 introduction
– PHY integrated
– 2 data lanes interface with up to 1.5 GHz bit rate clock
— Smart LCD Display with 8080 interface through SEMC
•
Audio:
— SPDIF input and output
— Four Synchronous Audio Interface (SAI) modules supporting I2S, AC97, TDM, and
codec/DSP interfaces
— Medium Quality Sound (MQS) interface via GPIO pads
— PDM microphone interface with 4 pairs of inputs
— Asynchronous Sample Rate Converter (ASRC)
•
Graphics engine:
— Generic 2D (PXP)
– BitBlit
– Flexible image composition options—alpha, chroma key
– Porter-duff blending
– Image rotation (90, 180, 270)
– Image resize
– Color space conversion
– Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
– Standard 2D-DMA operation
— Vector Graphics Processing
– Real-time hardware curve tessellation of lines, quadratic, and cubic Bezier curves
– 16x Line Anti-aliasing
– OpenVG 1.1 support
– Vector Drawing
•
Camera Interface:
— Parallel Camera Sensor Interface (CSI)
– Support 24-bit, 16-bit, and 8-bit input
– Barcode binarization and histogram statistics
— MIPI Camera Serial Interface (MIPI CSI)
– PHY integrated
– 2 data lanes interface with up to 1.5 GHz bit rate clock
•
Connectivity:
— Two USB 2.0 OTG controllers with integrated PHY interfaces
— Two Ultra Secure Digital Host Controller (uSDHC) interfaces
– eMMC 5.0 compliance with HS400 support up to 400 MB/sec
– SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com