Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVP5A Datasheet(PDF) 119 Page - NXP Semiconductors

Part # PIMXRT516SCVP5A
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP5A Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button PIMXRT516SCVP5A Datasheet HTML 115Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 116Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 117Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 118Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 119Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 121Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 122Page - NXP Semiconductors PIMXRT516SCVP5A Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
Package information and contact assignments
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
119
K
GPIO_
EMC_
B1_40
GPIO_
EMC_
B2_00
GPIO_
EMC_
B2_02
GPIO_
EMC_
B2_01
GPIO_
EMC_
B2_13
DCDC
_GND
DCDC
_GND
DCDC
_DIG
DCDC
_DIG
VDD_
SOC_
IN
VSS
GPIO_
AD_22
GPIO_
AD_20
GPIO_
AD_21
VDDA_
ADC_
1P8
GPIO_
AD_32
GPIO_
AD_30
L
GPIO_
EMC_
B1_41
GPIO_
EMC_
B2_15
VSS
GPIO_
EMC_
B2_11
DCDC
_IN_Q
DCDC
_GND
DCDC
_DIG_
SENSE
DCDC
_DIG
GPIO_
SNVS_
02
VSS
VSS
GPIO_
AD_13
GPIO_
AD_24
GPIO_
AD_26
VSS
GPIO_
AD_19
GPIO_
AD_28
M
GPIO_
EMC_
B2_04
GPIO_
EMC_
B2_12
GPIO_
EMC_
B2_07
GPIO_
EMC_
B2_14
DCDC
_IN
DCDC
_ANA_
SENSE
DCDC
_ANA
DCDC
_ANA
GPIO_
SNVS_
06
GPIO_
SNVS_
03
VDDA_
1P8_IN
NVCC_
GPIO
GPIO_
AD_04
GPIO_
AD_15
GPIO_
AD_25
GPIO_
AD_18
GPIO_
AD_29
N
GPIO_
EMC_
B2_05
GPIO_
EMC_
B2_09
GPIO_
EMC_
B2_18
DCDC_
MODE
DCDC
_IN
GPIO_
LPSR_
00
GPIO_
LPSR_
04
GPIO_
LPSR_
05
GPIO_
SNVS_
08
GPIO_
SNVS_
04
VDDA_
1P0
GPIO_
AD_00
GPIO_
AD_06
GPIO_
AD_14
GPIO_
AD_17
GPIO_
AD_27
GPIO_
AD_16
P
GPIO_
EMC_
B2_08
GPIO_
EMC_
B2_16
DCDC
_PSWI
TCH
VSS
GPIO_
LPSR_
09
GPIO_
LPSR_
02
NVCC_
LPSR
GPIO_
LPSR_
06
GPIO_
SNVS_
05
GPIO_
SNVS_
01
VDD_
LPSR_
DIG
VDD_
LPSR_
ANA
GPIO_
AD_05
VSS
GPIO_
AD_03
GPIO_
AD_11
GPIO_
AD_12
R
GPIO_
EMC_
B2_03
GPIO_
EMC_
B2_10
GPIO_
EMC_
B2_20
VSS
GPIO_
LPSR_
10
GPIO_
LPSR_
01
VSS
GPIO_
LPSR_
07
GPIO_
SNVS_
07
GPIO_
SNVS_
00
GPIO_
SNVS_
09
VDD_
LPSR_
IN
GPIO_
AD_02
GPIO_
AD_01
GPIO_
AD_08
GPIO_
AD_09
GPIO_
AD_10
T
GPIO_
EMC_
B2_06
GPIO_
EMC_
B2_17
DCDC
_LP
DCDC_
LN
GPIO_
LPSR_
11
GPIO_
LPSR_
14
GPIO_
LPSR_
03
WAKE
UP
PMIC_
STBY_
REQ
POR_B
TEST_
MODE
VSS
RTC_
XTALI
VDD_
SNVS_
DIG
CLK1_
N
XTALO
GPIO_
AD_07
U
VSS
GPIO_
EMC_
B2_19
DCDC
_LP
DCDC_
LN
GPIO_
LPSR_
12
GPIO_
LPSR_
13
GPIO_
LPSR_
15
GPIO_
LPSR_
08
PMIC_
ON_
REQ
ONOFF
NVCC_
SNVS
VDD_
SNVS_
IN
RTC_
XTALO
VDD_
SNVS_
ANA
CLK1_
P
XTALI
VSS
123
4
56789
10
11
12
13
14
15
16
17
Table 113. 14 x 14 mm, 0.8 mm pitch, ball map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com