Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 167Page - Advanced Micro Devices SC3200 Datasheet HTML 168Page - Advanced Micro Devices SC3200 Datasheet HTML 169Page - Advanced Micro Devices SC3200 Datasheet HTML 170Page - Advanced Micro Devices SC3200 Datasheet HTML 171Page - Advanced Micro Devices SC3200 Datasheet HTML 172Page - Advanced Micro Devices SC3200 Datasheet HTML 173Page - Advanced Micro Devices SC3200 Datasheet HTML 174Page - Advanced Micro Devices SC3200 Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
171
Core Logic Module
Revision 5.1
6.2.6.3
Programmable Interrupt Controller
The Core Logic module contains two 8259A-equivalent
programmable interrupt controllers, with eight interrupt
request lines each, for a total of 16 interrupts. The PCI
device supports all x86 modes of operation except Special
Fully Nested mode. The two controllers are cascaded inter-
nally, and two of the interrupt request inputs are connected
to the internal circuitry. This allows a total of 13 externally
available interrupt requests. See Figure 6-9.
Each Core Logic IRQ signal can be individually selected to
as edge- or level-sensitive. The four PCI interrupt signals
may be routed internally to any PIC IRQ.
.
Figure 6-8. PIC Interrupt Controllers
Three interrupts are available externally depending upon
selected ball multiplexing:
1)
IRQ15 (muxed with GPIO11+RI2#),
2)
IRQ14 (muxed with TFTD1), and
3)
IRQ9 (muxed with IDE_DATA6)
More of the IRQs are available through the use of SERIRQ
(muxed with GPIO39) function. See Table 6-4.
The Core Logic module allows PCI interrupt signals INTA#,
INTB#, INTC# (muxed with GPIO19+IOCHRDY) and
INTD# (muxed with IDE_DATA7) to be routed internally to
any IRQ signal. The routing can be modified through Core
Logic module’s configuration registers. If this is done, the
IRQ input must be configured to be level- rather than edge-
sensitive. IRQ inputs may be individually programmed to be
level-sensitive with the Interrupt Sensitivity configuration
registers at I/O address space 4D0h and 4D1h. PCI inter-
rupt configuration is discussed in further detail in “PCI
Compatible Interrupts” on page 172.
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
Internal
FPU
8254 Timer 0
RTC_IRQ#
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ8#
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
INTR
Table 6-4. PIC Interrupt Mapping
Master
IRQ
Mapping
IRQ0
Connected to the OUT0 (system timer) of
the internal 8254 PIT.
IRQ2
Connected to the slave’s INTR for a cas-
caded configuration.
IRQ8#
Connected to internal RTC.
IRQ13
Connected to the FPU interface of the
GX1 module.
IRQ15
Interrupts available to other functions
IRQ14
IRQ12
IRQ11
IRQ10
IRQ9
IRQ7
IRQ6
IRQ5
IRQ4
IRQ3
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com