Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 175 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 175 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 171Page - Advanced Micro Devices SC3200 Datasheet HTML 172Page - Advanced Micro Devices SC3200 Datasheet HTML 173Page - Advanced Micro Devices SC3200 Datasheet HTML 174Page - Advanced Micro Devices SC3200 Datasheet HTML 175Page - Advanced Micro Devices SC3200 Datasheet HTML 176Page - Advanced Micro Devices SC3200 Datasheet HTML 177Page - Advanced Micro Devices SC3200 Datasheet HTML 178Page - Advanced Micro Devices SC3200 Datasheet HTML 179Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
175
Core Logic Module
Revision 5.1
6.2.9.2
Sleep States
The SC3200 supports four Sleep states (SL1-SL3) and the
Soft Off state (G2/S5). These states are fully compliant
with the ACPI specification, revision 1.0.
When the SLP_EN bit (F1BAR1+I/O Offset 0Ch[13]) is set
to 1, the SC3200 enters an SLx state according to the
SLP_TYPx field (F1BAR1+I/O Offset 0Ch[12:10]). It exits
the Sleep state back to the S0 state (C0 state - Full Speed
or Throttling, depending on the THT_EN bit) upon an
enabled power management event. Table 6-5 on page 175
lists wakeup events from the various Sleep states.
SL1 Sleep State (ACPI S1)
In this state the core processor is in 3V Suspend mode (all
its clocks are stopped, including the memory controller and
the display controller). The SDRAM is placed in self-refresh
mode. All other SC3200 system clocks and PLLs are run-
ning. All devices are powered up (PWRCNT[2:1] and
ONCTL# are all asserted). See Section 6.2.9.5 "Usage
Hints" on page 177.
No reset is performed, when exiting this state. The SC3200
keeps all context in this state. This state corresponds to
ACPI Sleep state S1.
SL2 Sleep State (ACPI S1)
In this state, all of the SC3200 clocks are stopped including
the PLLs. Selected clocks from the PLLs can be kept run-
ning under program control (F0 Index 60h). An exception to
this is the CLK32 output signal which keeps toggling and
the 32 KHz oscillator itself. The SDRAM is placed in self-
refresh mode. The PWRCNT1 pin is de-asserted. The
SC3200 itself is powered up. The system designer can
decide which other system devices to power off with the
PWRCNT1 pin.
No reset is performed, when exiting this state. The SC3200
keeps all context in this state. This state corresponds to
ACPI sleep state S1, with lower power and longer wake
time than in SL1.
SL3 Sleep State (ACPI S3)
In this state, the SDRAM is placed in self-refresh mode,
and PWRCNT[2:1] are de-asserted. PWRCNT[2:1] should
be used to power off most of the system (except for the
SDRAM). If the Save-to-RAM feature is used, external cir-
cuitry in the SDRAM interface is required to guarantee data
integrity. All SC3200 signals powered by VSB, VSBL or
VBAT are still functional to allow wakeup and to keep the
RTC.
The power-up sequence is performed, when exiting this
state. This state corresponds to ACPI Sleep state S3.
SL4 and SL5 Sleep States (ACPI S4 and S5)
The SL4 and SL5 states are similar from the hardware per-
spective.
In
these
states,
the
SC3200
de-asserts
PWRCNT[2:1] and ONCTL#. PWRCNT[2:1] and ONCTL#
should be used to power off the system. All signals pow-
ered by VSB, VSBL or VBAT are still functional to allow
wakeup and to keep the RTC.
While in this state, LED# can be toggled to give visual noti-
fication of this state. ACPI Function Control register
(F1BAR1+I/O Offset 07h[7:6]) is used to control LED#.
The power-up sequence is performed when exiting this
state. This state corresponds to ACPI Sleep states S4 and
S5.
Table 6-5. Wakeup Events Capability
Event
S0/C1
S0/C3
SL1
SL2
SL3
SL4, SL5
Enabled Interrupts
Yes
Yes
Yes
-
-
-
SMI according to Table 6-8
Yes
Yes
Yes
-
-
-
SCI according to Table 6-8
Yes
Yes
Yes
-
-
-
GPIO[47:32], GPIO[15:0]
Yes
Yes
Yes
-
-
-
Power Button
Yes
Yes
Yes
Yes
Yes
Yes
Power Button Override
Yes
Yes
Yes
Yes
Yes
Yes
Bus Master Request
Yes1
Yes
Yes
---
Thermal Monitoring
Yes
Yes
Yes
Yes
Yes
Yes
USB
Yes
Yes
Yes
Yes
-
-
SDATA_IN2 (AC97)
Yes
Yes
Yes
Yes
-
-
IRRX1 (Infrared)
Yes
Yes
Yes
Yes
-
-
GPWIO[2:0]
Yes
Yes
Yes
Yes
Yes
Yes
RI2# (UART2)
Yes
Yes
Yes
Yes
-
-
RTC
Yes
Yes
Yes
Yes
Yes
Yes
1.
Temporarily exits state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com