Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 176 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 176 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 172Page - Advanced Micro Devices SC3200 Datasheet HTML 173Page - Advanced Micro Devices SC3200 Datasheet HTML 174Page - Advanced Micro Devices SC3200 Datasheet HTML 175Page - Advanced Micro Devices SC3200 Datasheet HTML 176Page - Advanced Micro Devices SC3200 Datasheet HTML 177Page - Advanced Micro Devices SC3200 Datasheet HTML 178Page - Advanced Micro Devices SC3200 Datasheet HTML 179Page - Advanced Micro Devices SC3200 Datasheet HTML 180Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 447 page
background image
176
AMD Geode™ SC3200 Processor Data Book
Core Logic Module
Revision 5.1
6.2.9.3
Power Planes Control
The SC3200 supports up to three power planes. Three sig-
nals are used to control these power planes. Table 6-6
describes the signals and when each is asserted.
These signals allow control of the power of system devices
and the SC3200 itself. Table 6-7 describes the SC3200
power planes with respect to the different Sleep and Global
states.
The SC3200 power planes are controlled externally by the
three signals (i.e., the system designer should make sure
the system design is such that Table 6-7 is met) for all sup-
ported Sleep states.
VSB and VBAT are not controlled by any control signal. VSB
exists as long as the AC power is plugged in (for desktop
systems) or the main battery is charged (for mobile sys-
tems). VBAT exists as long as the RTC battery is charged.
The case in which VSB does not exist is called Mechanical
Off (G3).
6.2.9.4
Power Management Events
The SC3200 supports power management events that can
manage:
• Transition of the system from a Sleep state to a Work
state. This is done by the hardware. These events are
defined as wakeup events.
• Enabled wakeup events to set the WAK_STS bit
(F1BAR1+I/O Offset 08h[15]) to 1, when transitioning
the system back to the working state.
• Generation of an interrupt. This invokes the relevant
software driver. The interrupt can either be an SMI or
SCI (selected by the SCI_EN bit, F1BAR1+I/O Offset
0Ch[0]). These events are defined as interrupt events.
Table 6-8 lists the power management events that can
generate an SCI or SMI.
Table 6-6. Power Planes Control Signals vs.
Sleep States
Signal
S0
SL1
SL2
SL3
SL4
and
SL5
PWRCNT1
11000
PWRCNT2
11100
ONCTL#
00001
Table 6-7. Power Planes vs. Sleep/Global States
Sleep/
Global State
VCORE, VI/O,
VPLL
VSB, VSBL
VBAT
S0, SL1 and
SL2
On
On
On or Off
SL3, SL4
and SL5
Off
On
On or Off
G3
Off
Off
On
No Power
Off
Off
Off
Illegal
On
Off
On or Off
Table 6-8. Power Management Events
Event
SCI
SMI
Power Button
Yes
Yes
Power Button Override
Yes
-
Bus Master Request
Yes
-
Thermal Monitoring
Yes
Yes
USB
Yes
Yes
RTC
Yes
Yes
ACPI Timer
Yes
Yes
GPIO
Yes
Yes
SDATA_IN2 (AC97)
Yes
Yes
IRRX1
Yes
Yes
RI2#
Yes
Yes
GPWIO
Yes
Yes
Internal SMI signal
Yes
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com