Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 207 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 207 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 203Page - Advanced Micro Devices SC3200 Datasheet HTML 204Page - Advanced Micro Devices SC3200 Datasheet HTML 205Page - Advanced Micro Devices SC3200 Datasheet HTML 206Page - Advanced Micro Devices SC3200 Datasheet HTML 207Page - Advanced Micro Devices SC3200 Datasheet HTML 208Page - Advanced Micro Devices SC3200 Datasheet HTML 209Page - Advanced Micro Devices SC3200 Datasheet HTML 210Page - Advanced Micro Devices SC3200 Datasheet HTML 211Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
207
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
4
Memory Write and Invalidate. Allow the Core Logic module to do memory write and invalidate cycles, if the PCI Cache
Line register (F0 Index 0Ch) is set to 32 bytes (08h).
0: Disable. (Default)
1: Enable.
3
Special Cycles. Allow the Core Logic module to respond to special cycles.
0: Disable.
1: Enable. (Default)
This bit must be enabled to allow an SMI to be generated from a CPU Shutdown cycle.
2
Bus Master. Allow the Core Logic module bus mastering capabilities.
0: Disable.
1: Enable. (Default)
This bit must be set to 1.
1
Memory Space. Allow the Core Logic module to respond to memory cycles from the PCI bus.
0: Disable.
1: Enable. (Default)
0
I/O Space. Allow the Core Logic module to respond to I/O cycles from the PCI bus:
0: Disable.
1: Enable. (Default)
This bit must be set to 1 to access I/O offsets through F0BAR0 and F0BAR1 (see F0 Index 10h and 14h).
Index 06h-07h
PCI Status Register (R/W)
Reset Value: 0280h
15
Detected Parity Error. This bit is set whenever a parity error is detected.
Write 1 to clear.
14
Signaled System Error. This bit is set whenever the Core Logic module asserts SERR# active.
Write 1 to clear.
13
Received Master Abort. This bit is set whenever a master abort cycle occurs. A master abort occurs when a PCI cycle is
not claimed, except for special cycles.
Write 1 to clear.
12
Received Target Abort. This bit is set whenever a target abort is received while the Core Logic module is the master for the
PCI cycle.
Write 1 to clear.
11
Signaled Target Abort. This bit is set whenever the Core Logic module signals a target abort. This occurs when an
address parity error occurs for an address that hits in the active address decode space of the Core Logic module.
Write 1 to clear.
10:9
DEVSEL# Timing. (Read Only) These bits are always 01, as the Core Logic module always responds to cycles for which it
is an active target with medium DEVSEL# timing.
00: Fast
01: Medium
10: Slow
11: Reserved.
8
Data Parity Detected. This bit is set when:
1)
The Core Logic module asserts PERR# or observed PERR# asserted.
2)
The Core Logic module is the master for the cycle in which the PERR# occurred, and PE is set (F0 Index 04h[6] = 1).
Write 1 to clear.
7
Fast Back-to-Back Capable. (Read Only) Enables the Core Logic module, as a target, to accept fast back-to-back trans-
actions.
0: Disable.
1: Enable.
This bit is always set to 1.
6:0
Reserved. (Read Only) Must be set to 0 for future use.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com