Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 211 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 207Page - Advanced Micro Devices SC3200 Datasheet HTML 208Page - Advanced Micro Devices SC3200 Datasheet HTML 209Page - Advanced Micro Devices SC3200 Datasheet HTML 210Page - Advanced Micro Devices SC3200 Datasheet HTML 211Page - Advanced Micro Devices SC3200 Datasheet HTML 212Page - Advanced Micro Devices SC3200 Datasheet HTML 213Page - Advanced Micro Devices SC3200 Datasheet HTML 214Page - Advanced Micro Devices SC3200 Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
211
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
2
IDE Reset. Reset IDE bus.
0: Disable.
1: Enable (drive IDE_RST# low).
Write 0 to clear. This bit is level-sensitive and must be cleared after the reset is enabled.
Note:
When X-Bus Warm Start is enabled (bit 0 = 1) or during POR#, IDE_RST# is put into TRI-STATE mode. To prop-
erly reset the IDE bus, after POR# the boot code must cause IDE_RST# to activate.
1
PCI Reset. Reset PCI bus.
0: Disable.
1: Enable.
When this bit is set to 1, the Core Logic module output signal PCIRST# is asserted and all devices on the PCI bus (including
PCIUSB) are reset. No other function within the Core Logic module is affected by this bit.
Write 0 to clear this bit. This bit is level-sensitive and must be cleared after the reset is enabled.
0
X-Bus Warm Start. Writing and reading this bit each have different meanings.
When reading this bit, it indicates whether or not a warm start occurred since power-up:
0: A warm start occurred.
1: No warm start has occurred.
When writing this bit, it can be used to trigger a system-wide reset:
0: No effect.
1: Execute system-wide reset (used only for clock configuration at power-up).
Index 45h
Reserved
Reset Value: 00h
Index 46h
PCI Functions Enable Register (R/W)
Reset Value: FEh
7:6
Reserved. Resets to 11.
5
F5 (PCI Function 5). When asserted (set to 1), enables the register space designated as F5.
This bit must always be set to 1. (Default)
4
F4 (PCI Function 4). When asserted (set to 1), enables the register space designated as F4.
This bit must always be set to 1. (Default)
3
F3 (PCI Function 3). When asserted (set to 1), enables the register space designated as F3.
This bit must always be set to 1. (Default)
2
F2 (PCI Function 2). When asserted (set to 1), enables the register space designated as F2.
This bit must always be set to 1. (Default)
1
F1 (PCI Function 1). When asserted (set to 1), enables the register space designated as F1.
This bit must always be set to 1. (Default)
0
Reserved. Must be set to 0.
Index 47h
Miscellaneous Enable Register (R/W)
Reset Value: 00h
7:3
Reserved. Must be set to 0.
2
F0BAR1 (PCI Function 0, Base Address Register 1). F0BAR1, pointer to I/O mapped LPC configuration registers.
0: Disable.
1: Enable.
1
F0BAR0 (PCI Function 0, Base Address Register 0). F0BAR0, pointer to I/O mapped GPIO configuration registers.
0: Disable.
1: Enable.
0
Reserved. Must be set to 0.
Index 48h-4Bh
Reserved
Reset Value: 00h
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com