Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 208Page - Advanced Micro Devices SC3200 Datasheet HTML 209Page - Advanced Micro Devices SC3200 Datasheet HTML 210Page - Advanced Micro Devices SC3200 Datasheet HTML 211Page - Advanced Micro Devices SC3200 Datasheet HTML 212Page - Advanced Micro Devices SC3200 Datasheet HTML 213Page - Advanced Micro Devices SC3200 Datasheet HTML 214Page - Advanced Micro Devices SC3200 Datasheet HTML 215Page - Advanced Micro Devices SC3200 Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 447 page
background image
212
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 4Ch-4Fh
Top of System Memory (R/W)
Reset Value: FFFFFFFFh
31:0
Top of System Memory. Highest address in system used to determine active decode for external PCI mastered memory
cycles.
If an external PCI master requests a memory address below the value programmed in this register, the cycle is transferred
from the external PCI bus interface to the Fast-PCI interface for servicing by the GX1 module.
Note:
The four least significant bits must be set to 1100.
Index 50h
PIT Control/ISA CLK Divider (R/W)
Reset Value: 7Bh
7
PIT Software Reset.
0: Disable.
1: Enable.
6
PIT Counter 1.
0: Forces Counter 1 output (OUT1) to zero.
1: Allows Counter 1 output (OUT1) to pass to the Port 061h[4].
5
PIT Counter 1 Enable.
0: Sets GATE1 input low.
1: Sets GATE1 input high.
4
PIT Counter 0.
0: Forces Counter 0 output (OUT0) to zero.
1: Allows Counter 0 output (OUT0) to pass to IRQ0.
3
PIT Counter 0 Enable.
0: Sets GATE0 input low.
1: Sets GATE0 input high.
2:0
ISA Clock Divisor. Determines the divisor of the PCI clock used to make the ISA clock, which is typically programmed for
approximately 8 MHz:
000: Divide by 1
100: Divide by 5
001: Divide by 2
101: Divide by 6
010: Divide by 3
110: Divide by 7
011: Divide by 4
111: Divide by 8
If PCI clock = 25 MHz, use setting of 010 (divide by 3).
If PCI clock = 30 or 33 MHz, use a setting of 011 (divide by 4).
Index 51h
ISA I/O Recovery Control Register (R/W)
Reset Value: 40h
7:4
8-Bit I/O Recovery. These bits determine the number of ISA bus clocks between back-to-back 8-bit I/O read cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000: 1 PCI clock
0001: 2 PCI clocks
:::
:::
:::
1111: 16 PCI clocks
3:0
16-Bit I/O Recovery. These bits determine the number of ISA bus clocks between back-to-back 16-bit I/O cycles. This
count is in addition to a preset one-clock delay built into the controller.
0000: 1 PCI clock
0001: 2 PCI clocks
:::
:::
:::
1111: 16 PCI clocks
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com