Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 109Page - Advanced Micro Devices SC3200 Datasheet HTML 110Page - Advanced Micro Devices SC3200 Datasheet HTML 111Page - Advanced Micro Devices SC3200 Datasheet HTML 112Page - Advanced Micro Devices SC3200 Datasheet HTML 113Page - Advanced Micro Devices SC3200 Datasheet HTML 114Page - Advanced Micro Devices SC3200 Datasheet HTML 115Page - Advanced Micro Devices SC3200 Datasheet HTML 116Page - Advanced Micro Devices SC3200 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
113
SuperI/O Module
Revision 5.1
5.4.1
SIO Control and Configuration Registers
Table 5-4 lists the SIO Control and Configuration registers and Table 5-5 provides their bit formats.
Table 5-4. SIO Control and Configuration Register Map
Index
Type
Name
Power Rail
Reset Value
20h
RO
SID. SIO ID
VCORE
F5h
21h
R/W
SIOCF1. SIO Configuration 1
VCORE
01h
22h
R/W
SIOCF2. SIO Configuration 2
VPP
02h
27h
RO
SRID. SIO Revision ID
VCORE
01h
2Eh
---
RSVD. Reserved exclusively for AMD use.
---
---
Table 5-5. SIO Control and Configuration Registers
Bit
Description
Index 20h
SIO ID Register - SID (RO)
Reset Value: F5h
7:0
Chip ID. Contains the identity number of the module. The SIO module is identified by the value F5h.
Index 21h
SIO Configuration 1 Register - SIOCF1 (RW)
Reset Value: 01h
7:6
General Purpose Scratch. When bit 5 is set to 1, these bits are RO. After reset, these bits can be read or write. Once
changed to RO, the bits can be changed back to R/W only by a hardware reset.
5
Lock Scratch. This bit controls bits 7 and 6 of this register. Once this bit is set to 1 by software, it can be cleared to 0 only
by a hardware reset.
0: Bits 7 and 6 of this register are R/W bits. (Default)
1: Bits 7 and 6 of this register are RO bits.
4:2
Reserved.
1
SW Reset. Read always returns 0.
0: Ignored. (Default)
1: Resets all devices that are reset by MR (with the exception of the lock bits) and the registers of the SWC.
0
Global Device Enable. This bit controls the function enable of all the logical devices in the SIO module, except the SWC
and the RTC. It allows them to be disabled simultaneously by writing to a single bit.
0: All logical devices in the SIO module are disabled, except the SWC and the RTC.
1: Each logical device is enabled according to its Activate register at Index 30h. (Default)
Index 22h
SIO Configuration 2 Register - SIOCF2 (R/W)
Reset Value: 02h
Note:
This register is reset only when VPP is first applied.
7
Reserved.
6:4
General Purpose Scratch. Battery-backed.
3:2
Reserved.
1
Reserved.
0
Reserved. (RO)
Index 27h
SIO Revision ID Register - SRID (RO)
Reset Value: 01h
7:0
SIO Revision ID. (RO) This RO register contains the identity number of the chip revision. SRID is incremented on each revi-
sion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com