Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 112Page - Advanced Micro Devices SC3200 Datasheet HTML 113Page - Advanced Micro Devices SC3200 Datasheet HTML 114Page - Advanced Micro Devices SC3200 Datasheet HTML 115Page - Advanced Micro Devices SC3200 Datasheet HTML 116Page - Advanced Micro Devices SC3200 Datasheet HTML 117Page - Advanced Micro Devices SC3200 Datasheet HTML 118Page - Advanced Micro Devices SC3200 Datasheet HTML 119Page - Advanced Micro Devices SC3200 Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 447 page
background image
116
AMD Geode™ SC3200 Processor Data Book
SuperI/O Module
Revision 5.1
5.4.2.2
LDN 01h - System Wakeup Control
Table 5-8 lists registers that are relevant to the configura-
tion of System Wakeup Control (SWC). These registers are
described earlier in Table 5-3 "Standard Configuration
Registers" on page 111.
Table 5-8. Relevant SWC Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. When bit 0 is cleared, the registers of this logical device are not accessible.1
00h
60h
R/W
Base Address MSB register.
00h
61h
R/W
Base Address LSB register. Bits [3:0] (for A[3:0]) are RO, 0000b.
00h
70h
R/W
Interrupt Number. (For routing the internal PWUREQ signal.)
00h
71h
R/W
Interrupt Type. Bit 1 is R/W. Other bits are RO.
03h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
1.
The logical device registers are maintained, and all wakeup detection mechanisms are functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com