Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3200 Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 115Page - Advanced Micro Devices SC3200 Datasheet HTML 116Page - Advanced Micro Devices SC3200 Datasheet HTML 117Page - Advanced Micro Devices SC3200 Datasheet HTML 118Page - Advanced Micro Devices SC3200 Datasheet HTML 119Page - Advanced Micro Devices SC3200 Datasheet HTML 120Page - Advanced Micro Devices SC3200 Datasheet HTML 121Page - Advanced Micro Devices SC3200 Datasheet HTML 122Page - Advanced Micro Devices SC3200 Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
119
SuperI/O Module
Revision 5.1
5.4.2.5
LDN 05h and 06h - ACCESS.bus Ports 1 and 2
ACCESS.bus ports 1 and 2 (ACB1 and ACB2) are identi-
cal. Each ACB is a two-wire synchronous serial interface
compatible with the ACCESS.bus physical layer. ACB1 and
ACB2 use a 24 MHz internal clock. Six runtime registers for
each
ACCESS.bus
are
described
in
Section
5.7
"ACCESS.bus Interface" on page 137.
ACB1 is designated as LDN 05h and ACB2 as LDN 06h.
Table 5-13 lists the configuration registers which affect the
ACCESS.bus ports. Only the last register (F0h) is
described here (Table 5-14). See Table 5-3 "Standard
Configuration Registers" on page 111 for descriptions of
the others.
Table 5-13. Relevant ACB1 and ACB2 Registers
Index
Type
Configuration Register or Action
Reset
Value
30h
R/W
Activate. See also bit 0 of the SIOCF1 register
00h
60h
R/W
Base Address MSB register.
00h
61h
R/W
Base Address LSB register. Bits [2:0] (for A[2:0]) are RO, 000b.
00h
70h
R/W
Interrupt Number.
00h
71h
R/W
Interrupt Type. Bit 1 is R/W. Other bits are RO.
03h
74h
RO
Report no DMA assignment.
04h
75h
RO
Report no DMA assignment.
04h
F0h
R/W
ACB1 and ACB2 Configuration register.
00h
Table 5-14. ACB1 and ACB2 Configuration Register
Bit
Description
Index F0h
ACB1 and ACB2 Configuration Register (R/W)
This register is reset by hardware to 00h.
7:3
Reserved.
2
Internal Pull-Up Enable.
0: No internal pull-up resistors on AB1C/AB2C and AB1D/AB2D. (Default)
1: Internal pull-up resistors on AB1C/AB2C and AB1D/AB2D.
1:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com