Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 135 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 135 Page - ams AG

Back Button AS3722 Datasheet HTML 131Page - ams AG AS3722 Datasheet HTML 132Page - ams AG AS3722 Datasheet HTML 133Page - ams AG AS3722 Datasheet HTML 134Page - ams AG AS3722 Datasheet HTML 135Page - ams AG AS3722 Datasheet HTML 136Page - ams AG AS3722 Datasheet HTML 137Page - ams AG AS3722 Datasheet HTML 138Page - ams AG AS3722 Datasheet HTML 139Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 198 page
background image
ams Datasheet
Page 135
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 138:
OvertemperatureControl
Figure 139:
WatchdogControl
Addr:37h
OvertemperatureControl
Bit
Bit Name
Default
Access
Bit Description
4
ov_temp_alarm0
0
RO
Temperature alarm0 reached if bit is set
First temperature alarm proposed to be set
at 94C, reset at 88C
3
rst_ov_temp_shutdown
0
RW_SMP
If the overtemperature threshold
ov_temp_max has been reached, the flag
ov_temp_shutdown is set and a reset cycle
is started.
ov_temp_shutdown should be reset by
writing 1 and afterward 0 to
rst_ov_temp_shutdown
2
ov_temp_shutdown
0
RO
Flag that the overtemperature threshold 2
(T140) has been reached - this flag is not
reset by a
overtemperature caused reset and has to be
reset by rst_ov_temp_shutdown
Shutdown temperature proposed to be set
at 140C reset at 135C
1
ov_temp_alarm1
0
RO
Temperature alarm1 reached if bit is set
Second temperature alarm proposed to be
set at 113C, reset at 107C
0temp_pmc_on
1
RW
Switch on/off temperature supervision,
default: on
Leave at 1, do not disable
all other OvertemperatureControl bits are
only valid if this bit is set
Addr:38h
WatchdogControl
Bit
Bit Name
Default
Access
Bit Description
2:1
wtdg_mode
0
RW_SM
Defines actions when the watchdog expires
0 : interrupt only
1 : performs a reset cycle, then try restart
2 : power-off
3 : performs up to 2 reset cycles, then power-off
bit are set to their OTP values at startup, bit 0 can only
be set
0wtdg_on
0
RW_SS
Switches on the complete watchdog
0 : watchdog off
1 : watchdog on
bit is set to its OTP value at startup, bit can only be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com